Electronic Components Datasheet Search
  English  ▼

X  

UT75N03 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT75N03
Description  75A, 30V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT75N03 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT75N03 Datasheet HTML 1Page - Unisonic Technologies UT75N03 Datasheet HTML 2Page - Unisonic Technologies UT75N03 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UT75N03
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-327.C
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
30
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
1
µA
Forward
VGS=20V, VDS=0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS (
Note)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
VGS=10V, ID=30A
5
7
mΩ
Static Drain-Source On-Resistance
RDS(ON)
VGS=4.5V, ID=20A
7
10
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
3298
pF
Output Capacitance
COSS
1400
pF
Reverse Transfer Capacitance
CRSS
VDS=15V, VGS=0V, f=1.0MHz
287
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
20
38
ns
Turn-ON Rise Time
tR
12
23
ns
Turn-OFF Delay Time
tD(OFF)
113
198
ns
Turn-OFF Fall-Time
tF
VDD=15V, ID=60A, VGS=10V,
RGEN=6Ω
40
78
ns
Total Gate Charge
QG
48
55
nC
Gate-Source Charge
QGS
10
nC
Gate-Drain Charge
QGD
VDS=15V, VGS=10V, ID=75A
27
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Diode Forward Voltage(Note)
VSD
VGS=0V, IS=75A
1.5
V
Maximum Body-Diode Continuous Current
IS
75
A
Note: Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com