Electronic Components Datasheet Search
  English  ▼

X  

TSL2569 Datasheet(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2569
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2569 Datasheet(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL2569 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TSL2568, TSL2569
LIGHT-TO-DIGITAL CONVERTER
TAOS091D − DECEMBER 2008
13
The LUMENOLOGY
r Company
r
r
Copyright
E 2008, TAOS Inc.
www.taosinc.com
Timing Register (1h)
The TIMING register controls both the integration time and the gain of the ADC channels. A common set of
control bits is provided that controls both ADC channels. The TIMING register defaults to 02h at power on.
Table 5. Timing Register
6
75
4
INTEG
2
31
0
0
00
0
0
01
0
Reset Value:
TIMING
Manual
Resv
Resv
GAIN
Resv
Resv
1h
FIELD
BIT
DESCRIPTION
Resv
7−5
Reserved. Write as 0.
GAIN
4
Switches gain between low gain and high gain modes. Writing a 0 selects low gain (1
×); writing a 1 selects
high gain (16
×).
Manual
3
Manual timing control. Writing a 1 begins an integration cycle. Writing a 0 stops an integration cycle.
NOTE: This field only has meaning when INTEG = 11. It is ignored at all other times.
Resv
2
Reserved. Write as 0.
INTEG
1:0
Integrate time. This field selects the integration time for each conversion.
Integration time is dependent on the INTEG FIELD VALUE and the internal clock frequency. Nominal integration
times and respective scaling between integration times scale proportionally as shown in Table 6. See Note 5
and Note 6 on page 5 for detailed information regarding how the scale values were obtained; see page 22 for
further information on how to calculate lux.
Table 6. Integration Time
INTEG FIELD VALUE
SCALE
NOMINAL INTEGRATION TIME
00
0.034
13.7 ms
01
0.252
101 ms
10
1
402 ms
11
−−
N/A
The manual timing control feature is used to manually start and stop the integration time period. If a particular
integration time period is required that is not listed in Table 6, then this feature can be used. For example, the
manual timing control can be used to synchronize the TSL256x device with an external light source (e.g. LED).
A start command to begin integration can be initiated by writing a 1 to this bit field. Correspondingly, the
integration can be stopped by simply writing a 0 to the same bit field.
Interrupt Threshold Register (2h − 5h)
The interrupt threshold registers store the values to be used as the high and low trigger points for the comparison
function for interrupt generation. If the value generated by channel 0 crosses below or is equal to the low
threshold specified, an interrupt is asserted on the interrupt pin. If the value generated by channel 0 crosses
above the high threshold specified, an interrupt is asserted on the interrupt pin. Registers THRESHLOWLOW
and THRESHLOWHIGH provide the low byte and high byte, respectively, of the lower interrupt threshold.
Registers THRESHHIGHLOW and THRESHHIGHHIGH provide the low and high bytes, respectively, of the
upper interrupt threshold. The high and low bytes from each set of registers are combined to form a 16-bit
threshold value. The interrupt threshold registers default to 00h on power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com