Electronic Components Datasheet Search
  English  ▼

X  

TSL2569 Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2569
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2569 Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL2569 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2569 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
TSL2568, TSL2569
LIGHT-TO-DIGITAL CONVERTER
TAOS091D − DECEMBER 2008
4
r
r
Copyright
E 2008, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Operating Characteristics, High Gain (16
), VDD = 3 V, TA = 255C, (unless otherwise noted) (see
Notes 2, 3, 4, 5)
PARAMETER
TEST CONDITIONS
CHANNEL
TSL2568T, TSL2569T
TSL2568CS, TSL2569CS
UNIT
PARAMETER
TEST CONDITIONS
CHANNEL
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fosc
Oscillator frequency
690
735
780
690
735
780
kHz
Dark ADC count value
E
0T
402 ms
Ch0
0
8
0
8
counts
Dark ADC count value
Ee = 0, Tint = 402 ms
Ch1
0
8
0
8
counts
T
178 ms
Ch0
65535
65535
Tint > 178 ms
Ch1
65535
65535
Full scale ADC count
T
101 ms
Ch0
37177
37177
counts
Full scale ADC count
value (Note 6)
Tint = 101 ms
Ch1
37177
37177
counts
T
13 7 ms
Ch0
5047
5047
Tint = 13.7 ms
Ch1
5047
5047
λp = 640 nm, Tint = 101 ms
Ch0
3000
4000
5000
λp = 640 nm, Tint = 101 ms
Ee = 33 μW/cm2
Ch1
1000
counts
λp = 940 nm, Tint = 101 ms
Ch0
2800
4000
5200
counts
ADC count value
λp = 940 nm, Tint = 101 ms
Ee = 106 μW/cm2
Ch1
3520
ADC count value
λp = 640 nm, Tint = 101 ms
Ch0
3000
4000
5000
λp = 640 nm, Tint = 101 ms
Ee = 34.5 μW/cm2
Ch1
840
counts
λp = 940 nm, Tint = 101 ms
Ch0
2800
4000
5200
counts
λp = 940 nm, Tint = 101 ms
Ee = 110.9 μW/cm2
Ch1
3440
ADC
t
l
ti
λ
640 nm T
101 ms
018
025
032
014
021
028
ADC count value ratio:
λp = 640 nm, Tint = 101 ms
0.18
0.25
0.32
0.14
0.21
0.28
ADC count value ratio:
Ch1/Ch0
λ
940 nm T
101 ms
073
088
103
070
086
101
Ch1/Ch0
λp = 940 nm, Tint = 101 ms
0.73
0.88
1.03
0.70
0.86
1.01
λ
640 nm T
101 ms
Ch0
121
116
R
Irradiance responsivity
λp = 640 nm, Tint = 101 ms
Ch1
30.3
24
counts/
(
μW/
Re
Irradiance responsivity
λ
940 nm T
101 ms
Ch0
37.7
36
(
μW/
cm2)
λp = 940 nm, Tint = 101 ms
Ch1
33.2
31
cm2)
Fluorescent light source:
Ch0
185
180
R
Illuminance responsivity
Fluorescent light source:
Tint = 402 ms
Ch1
35
33.3
counts/
Rv
Illuminance responsivity
Incandescent light source:
Ch0
599
537
counts/
lux
Incandescent light source:
Tint = 402 ms
Ch1
330
307
ADC count value ratio:
Fluorescent light source:
Tint = 402 ms
0.19
0.19
ADC count value ratio:
Ch1/Ch0
Incandescent light source:
055
057
Ch1/Ch0
Incandescent light source:
Tint = 402 ms
0.55
0.57
Fluorescent light source:
Ch0
11.6
11.1
R
Illuminance responsivity,
Fluorescent light source:
Tint = 402 ms
Ch1
2.2
2.1
counts/
Rv
Illuminance responsivity,
low gain mode (Note 7)
Incandescent light source:
Ch0
37.5
33.8
counts/
lux
Incandescent light source:
Tint = 402 ms
Ch1
20.7
19.3
(Sensor Lux) /
(actual Lux) high gain
Fluorescent light source:
Tint = 402 ms
0.65
1
1.35
0.65
1
1.35
(actual Lux), high gain
mode (Note 8)
Incandescent light source:
Tint = 402 ms
0.60
1
1.40
0.60
1
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com