Electronic Components Datasheet Search
  English  ▼

X  

TSL45311 Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL45311
Description  DIGITAL AMBIENT LIGHT SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL45311 Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL45311 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TSL4531
DIGITAL AMBIENT LIGHT SENSOR
TAOS112 − OCTOBER 2011
10
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
ALS Data Registers (0x04 − 0x05)
The ADC data is expressed as a 16-bit word stored in two 8-bit registers. The read-only ADC data registers
DATALOW and DATAHIGH provide the low and high bytes, respectively, of the 16-bit ADC conversion value.
The conversion value translates directly to units of lux.
Table 5. ALS Data Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
DATALOW
0x04
7:0
ADC conversion low byte
DATAHIGH
0x05
7:0
ADC conversion high byte
ID Register (0x0A)
The ID register is a read-only register that provides the value for the part number. The PARTNO field indicates
the part number of each device given in the Available Options section and will remain constant.
Table 6. ID Register
6
75
4
2
31
0
CONTROL
Reset
ID
PARTNO
Reserved
FIELD
BITS
DESCRIPTION
FIELD VALUE
DEVICE PART NUMBER
1000
TSL45317
PARTNO
7:4
1001
TSL45313
PARTNO
7:4
1010
TSL45315
1011
TSL45311
Reserved
3:0
Reserved
The ID register is useful for validating the device type and for verifying the functionality of the interface. When
used for this purpose, it is recommended that the Reserved field be masked out as follows:
Value = ID AND 0xF0, where AND represents a bit-wise AND function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com