Electronic Components Datasheet Search
  English  ▼

X  

TSL45311 Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL45311
Description  DIGITAL AMBIENT LIGHT SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL45311 Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL45311 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45311 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TSL4531
DIGITAL AMBIENT LIGHT SENSOR
TAOS112 − OCTOBER 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Features
D Simple Direct Lux Output
D Approximates Human Eye Response in
Diverse Lighting Conditions
D Three User-Selectable Integration Times
(400 ms, 200 ms, and 100 ms)
D Wide Dynamic Range — 3 lux to 220k lux
D Rejects 50 Hz/60 Hz Lighting Ripple
D Low Active Current (110 mA typical) with
Power Down Mode (2.2
mA typical) Enables
Green Products
D 16-bit Digital Output with I2C Compatibility
D Ultra-Small 2 mm y 2 mm ChipLED package
D 2.5-V Supply Voltage with 1.8-V Logic
Interface
Applications
D Outdoor Lighting Control
− Street Lights
− Security Lights
− Traffic Signals
− Commercial Billboards
D Display Backlight Control
− Automotive Instrumentation
− Cell Phones
− Tablets and Notebooks
D Solid-State and General Lighting and
Daylight Harvesting
− Commercial Lighting
− Industrial Lighting
Description
The TSL4531 family of devices provides ambient light sensing (ALS) that approximates human eye response
under a variety of lighting conditions. The devices have three selectable integration times and provide a direct
16-bit lux output via an I2C bus interface. The wide dynamic range of the ALS makes it particularly useful in
outdoor applications where it is exposed to direct sunlight. The device is ideal for use in automatic control of
street lights and security, billboard, and automotive lighting. The TSL4531 devices can also be used in solid state
and general lighting for automatic control and daylight harvesting to maximize energy conservation. Other
applications include display backlight control to extend battery life and optimize visibility in cell phones, tablets,
and notebooks.
Functional Block Diagram
SDA
VDD
SCL
Photodiode
Array
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
Package Drawing Not to Scale
PACKAGE CL
ChipLED
(TOP VIEW)
4 SCL
3 SDA
VDD 1
GND 2


Similar Part No. - TSL45311

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
DIGITAL AMBIENT LIGHT SENSOR
More results

Similar Description - TSL45311

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8 Datasheet
541Kb / 21P
I2 Digital Ambient Light Sensor
logo
Maxim Integrated Produc...
MAX44004 MAXIM-MAX44004 Datasheet
1Mb / 17P
Digital Ambient Light Sensor
Rev 0; 5/12
logo
Sanyo Semicon Device
LV0104CS SANYO-LV0104CS Datasheet
231Kb / 8P
Digital Ambient Light Sensor
logo
KODENSHI_AUK CORP.
KOE1023A KODENSHI-KOE1023A Datasheet
169Kb / 3P
Digital Output Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
Digital Proximity and Ambient Light Sensor
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
DIGITAL AMBIENT LIGHT SENSOR
logo
Everlight Electronics C...
ALS-PDIC17-57B-TR8 EVERLIGHT-ALS-PDIC17-57B-TR8_15 Datasheet
875Kb / 21P
Digital Ambient Light Sensor
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8_15 Datasheet
1Mb / 19P
Digital Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com