Electronic Components Datasheet Search
  English  ▼

X  

UT4822 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT4822
Description  DUAL N-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4822 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT4822 Datasheet HTML 1Page - Unisonic Technologies UT4822 Datasheet HTML 2Page - Unisonic Technologies UT4822 Datasheet HTML 3Page - Unisonic Technologies UT4822 Datasheet HTML 4Page - Unisonic Technologies UT4822 Datasheet HTML 5Page - Unisonic Technologies UT4822 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UT4822
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-149.D
TYPICAL CHARACTERISTICS
VDS=5V
125°С
25°С
2.00E+01
1.60E+01
1.20E+01
8.00E+00
4.00E+00
0.00E+00
1.5
2
2.5
3
3.5
4
Gate Source Voltage, VGS (V)
Transfer Characteristics
4.5V
4V
10V
3.5V
VGS=3V
30
25
20
15
10
5
0
01
2
3
45
Drain Source Voltage, VDS (V)
On-Resistance Characteristics
Pulse width ≤80us,
duty cycle ≤0.5%.
Pulse width ≤80us,
duty cycle ≤0.5%.
25°С
125°С
1.0E+01
1.0E+00
1.0E-01
1.0E-02
1.0E-03
1.0E-04
1.0E-05
0.00.2
0.40.6
0.8
1.0
Source Drain Voltage, VSD (V)
Body-Diode Characteristics
ID=8.5A
125°С
25°С
50
40
30
20
10
24
6
8
10
Gate Source Voltage, VGS (V)
On-Resistance vs. Gate-Source Voltage
Pulse width ≤80us,
duty cycle ≤0.5%.
Pulse width ≤80us,
duty cycle ≤0.5%.
VDS=15V
ID=8.5A
10
8
6
4
2
0
04
8
12
16
20
Gate Charge, QG (nC)
Gate-Charge Characteristics
CISS
COSS
CRSS
1500
1250
1000
750
500
250
0
05
10
15
20
25
30
Drain Source Voltage, VDS (V)
Capacitance Characteristics
Pulse width ≤80us,
duty cycle ≤0.5%.
Pulse width ≤80us,
duty cycle ≤0.5%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com