Electronic Components Datasheet Search
  English  ▼

X  

UT4822 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT4822
Description  DUAL N-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4822 Datasheet(HTML) 5 Page - Unisonic Technologies

  UT4822 Datasheet HTML 1Page - Unisonic Technologies UT4822 Datasheet HTML 2Page - Unisonic Technologies UT4822 Datasheet HTML 3Page - Unisonic Technologies UT4822 Datasheet HTML 4Page - Unisonic Technologies UT4822 Datasheet HTML 5Page - Unisonic Technologies UT4822 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UT4822
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-149.D
TYPICAL CHARACTERISTICS(Cont.)
10
1
0.1
0.01
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Normalized Maximum Transient Thermal Impedance
In descending order
D=0.5,0.3,0.1,0.05,0.02,0.01,single pulse
D=TON/T
TJ,PK=TA+PDM.θJA.θJA
θJA=62.5°С/W
Single Pulse
PDM
TON
T
VGS=4.5V
VGS=10V
26
24
22
20
18
16
14
12
10
0
510
15
20
Drain Current, ID (A)
On-Resistance vs. Drain Current
and Gate Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com