Electronic Components Datasheet Search
  English  ▼

X  

UTF1404 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTF1404
Description  160A, 40V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTF1404 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTF1404 Datasheet HTML 1Page - Unisonic Technologies UTF1404 Datasheet HTML 2Page - Unisonic Technologies UTF1404 Datasheet HTML 3Page - Unisonic Technologies UTF1404 Datasheet HTML 4Page - Unisonic Technologies UTF1404 Datasheet HTML 5Page - Unisonic Technologies UTF1404 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTF1404
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-679.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous (VGS=10V)
TC=25°C
ID
162 (Note 4)
A
TC=100°C
115 (Note 4)
A
Pulsed (Note 2)
TC=25°C
IDM
650
A
Avalanche Current (Note 2)
IAR
95
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
519
mJ
Repetitive (Note 2)
EAR
20
mJ
Power Dissipation (TC=25°C)
PD
166
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive rating: pulse width limited by maximum junction temperature
3. Starting TJ=25°C, L=0.12mH, RG=25Ω, IAS=95A
4. Calculated continuous current based on maximum allowable junction temperature. Package limitation
current is 75A
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62
°C/W
Junction to Case
θJC
0.75
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com