Electronic Components Datasheet Search
  English  ▼

X  

UTF1404 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTF1404
Description  160A, 40V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTF1404 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTF1404 Datasheet HTML 1Page - Unisonic Technologies UTF1404 Datasheet HTML 2Page - Unisonic Technologies UTF1404 Datasheet HTML 3Page - Unisonic Technologies UTF1404 Datasheet HTML 4Page - Unisonic Technologies UTF1404 Datasheet HTML 5Page - Unisonic Technologies UTF1404 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UTF1404
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-679.a
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
40
V
Drain-Source Leakage Current
IDSS
VDS=40V, VGS=0V
20
µA
VDS=32V, VGS=0V, TJ=150°C
250
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+20V
+200 nA
Reverse
VGS=-20V
-200 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=95A (Note 2)
3.5
4
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
7360
pF
Output Capacitance
COSS
1680
pF
Reverse Transfer Capacitance
CRSS
240
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
ID=95A, VDS=32V, VGS=10V
(Note 2)
160
200
nC
Gate to Source Charge
QGS
35
nC
Gate to Drain Charge
QGD
42
60
nC
Turn-ON Delay Time
tD(ON)
VDD=20V, ID=95A, RG=2.5Ω,
RD=0.21Ω (Note 2)
17
ns
Rise Time
tR
140
ns
Turn-OFF Delay Time
tD(OFF)
72
ns
Fall-Time
tF
26
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
(Note 3)
162
A
Maximum Body-Diode Pulsed Current
ISM
(Note 1)
650
A
Drain-Source Diode Forward Voltage
VSD
IS=95A, VGS=0V, TJ=25°C (Note 2)
1.3
V
Notes: 1. Repetitive rating: pulse width limited by maximum junction temperature
2. Pulse width≤300µs, Duty cycle≤2%
3. Calculated continuous current based on maximum allowable junction temperature. Package limitation
current is 75A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com