Electronic Components Datasheet Search
  English  ▼

X  

UTP45N02 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTP45N02
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTP45N02 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTP45N02 Datasheet HTML 1Page - Unisonic Technologies UTP45N02 Datasheet HTML 2Page - Unisonic Technologies UTP45N02 Datasheet HTML 3Page - Unisonic Technologies UTP45N02 Datasheet HTML 4Page - Unisonic Technologies UTP45N02 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTP45N02
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-180.A
TYPICAL CHARACTERISTICS(Cont.)
ID=250μA
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
120 160 200
Normalized Drain to Source Breakdown
Voltage vs Junction Temperature
VGS=VDS,ID=250μA
2.0
1.5
1.0
0.5
0
-80
-40
040
80
120 160 200
Normalized Gate Threshold
Voltage vs Junction Temperature
Junction Temperature,TJ (℃)
Junction Temperature,TJ (℃)
CISS
COSS
CRSS
VGS=0V,f=1MHZ
20
15
10
5
0
0
500
1000
1500
2000
2500
Drain to Source Voltage,VDS (V)
Capacitance vs. Drain to Source
Voltage
20
15
10
5
00
1.25
2.50
3.75
5.00
Time,t (μs)
Normalized Switching Waveforms for
Constant Gate Current
VDD=BVDSS
VDD=BVDSS
RL=0.44Ω
IG(REF)=0.5mA
VGS=5V
Plateau Voltage in
Descending Order:
VDD=BVDSS
VDD=0.75BVDSS
VDD=0.50BVDSS
VDD=0.25BVDSS
G(REF)
G(ACT)
20
80 G(REF)
G(ACT)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com