Electronic Components Datasheet Search
  English  ▼

X  

UTP45N02 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTP45N02
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTP45N02 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTP45N02 Datasheet HTML 1Page - Unisonic Technologies UTP45N02 Datasheet HTML 2Page - Unisonic Technologies UTP45N02 Datasheet HTML 3Page - Unisonic Technologies UTP45N02 Datasheet HTML 4Page - Unisonic Technologies UTP45N02 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTP45N02
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-180.A
N-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
As N-Channel power MOSFETs the UTP45N02 is designed for
use in applications such as switching regulators, switching
converters, motor drivers and relay drivers.
FEATURES
* 45A, 20V
* RDS(ON) = 0.022Ω
* Temperature compensating PSPICE model
* Be driven directly from CMOS, NMOS, and TTL circuits
* Peak current vs. pulse width curve
SYMBOL
1.Gate
3.Source
2.Drain
*Pb-free plating product number: UTP45N02L
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
UTP45N02-TN3-R
UTP45N02L-TN3-R
TO-252
G
D
S
Tape Reel
UTP45N02-TN3-T
UTP45N02L-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - UTP45N02

ManufacturerPart #DatasheetDescription
logo
SOURIAU-SUNBANK Connect...
UTP10DC SOURIAU-UTP10DC Datasheet
1Mb / 14P
The plastic circular connector with metal locking
UTP10DCG SOURIAU-UTP10DCG Datasheet
1Mb / 14P
The plastic circular connector with metal locking
UTP12DC SOURIAU-UTP12DC Datasheet
1Mb / 14P
The plastic circular connector with metal locking
UTP12DCG SOURIAU-UTP12DCG Datasheet
1Mb / 14P
The plastic circular connector with metal locking
UTP14DC SOURIAU-UTP14DC Datasheet
1Mb / 14P
The plastic circular connector with metal locking
More results

Similar Description - UTP45N02

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com