Electronic Components Datasheet Search
  English  ▼

X  

UTT60P03 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT60P03
Description  -60A, -30V, P-CHANNEL POWER MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT60P03 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT60P03 Datasheet HTML 1Page - Unisonic Technologies UTT60P03 Datasheet HTML 2Page - Unisonic Technologies UTT60P03 Datasheet HTML 3Page - Unisonic Technologies UTT60P03 Datasheet HTML 4Page - Unisonic Technologies UTT60P03 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT60P03
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-605.a
-60A, -30V, P-CHANNEL
POWER MOSFETS
DESCRIPTION
The UTC UTT60P03 is a P-channel power MOSFET using UTC’s
advanced technology to provide the customers with high switching
speed and a minimum on-state resistance and it can also withstand
high energy in the avalanche.
This UTC UTT60P03 is suitable for switching converters, motor
drivers, switching regulators and relay drivers.
FEATURES
* VDS = -60V
* ID = -30A
* RDS(ON)=0.027Ω @ VGS=-10V, ID=-60A
* High Switching Speed
SYMBOL
1.Gate
2.Drain
3.Source
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT60P03L-TN3-R
UTT60P03G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UTT60P03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT60N05 UTC-UTT60N05 Datasheet
134Kb / 3P
60A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT60N05G-TA3-T UTC-UTT60N05G-TA3-T Datasheet
134Kb / 3P
60A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT60N05L-TA3-T UTC-UTT60N05L-TA3-T Datasheet
134Kb / 3P
60A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT60N06 UTC-UTT60N06 Datasheet
366Kb / 8P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT60N06G-TA3-T UTC-UTT60N06G-TA3-T Datasheet
386Kb / 8P
N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - UTT60P03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG60P03 FAIRCHILD-RFG60P03 Datasheet
104Kb / 6P
60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFG60P03 INTERSIL-RFG60P03 Datasheet
88Kb / 7P
60A, 30V, 0.027 Ohm, P-Channel Power MOSFETs
July 1999
logo
First Silicon Co., Ltd
FDS3907 FS-FDS3907 Datasheet
1Mb / 4P
30V P-Channel MOSFETs
FTK3805 FS-FTK3805 Datasheet
927Kb / 5P
30V P-Channel MOSFETs
FTK3903DFN56 FS-FTK3903DFN56 Datasheet
788Kb / 5P
30V P-Channel MOSFETs
FTK3911 FS-FTK3911 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3911L FS-FTK3911L Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3959DFN56 FS-FTK3959DFN56 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3009DFN22 FS-FTK3009DFN22 Datasheet
556Kb / 5P
30V P-Channel MOSFETs
FTK3911T FS-FTK3911T Datasheet
1Mb / 5P
30V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com