Electronic Components Datasheet Search
  English  ▼

X  

UTT150N06 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT150N06
Description  150 Amps, 60 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT150N06 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT150N06 Datasheet HTML 1Page - Unisonic Technologies UTT150N06 Datasheet HTML 2Page - Unisonic Technologies UTT150N06 Datasheet HTML 3Page - Unisonic Technologies UTT150N06 Datasheet HTML 4Page - Unisonic Technologies UTT150N06 Datasheet HTML 5Page - Unisonic Technologies UTT150N06 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT150N06
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-512.a
150 Amps, 60 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC UTT150N06 is an N-channel Power Trench MOSFET,
using UTC’s advanced technology to provide customers with a
minimum on-state resistance and superior switching performance.
The UTC UTT150N06 is generally applied in synchronous
Rectification or DC to DC converter.
FEATURES
* 150A, 60V, RDS(ON)=3.2mΩ @ VGS=10V, ID = 75A
* Low Gate Charge (Typical 102nC)
* High Switching Speed
* High Power and Current Handling Capability
* RoHS Compliant
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT150N06L-TA3-T
UTT150N06G-TA3-T
TO-220
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT150N06

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UTT150N06L-TA3-T DOINGTER-UTT150N06L-TA3-T Datasheet
974Kb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UTT150N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
158Kb / 8P
70 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
60N06 UTC-60N06 Datasheet
201Kb / 8P
60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
12N06 UTC-12N06 Datasheet
195Kb / 5P
12 Amps, 60 Volts N-CHANNEL POWER MOSFET
UFZ44 UTC-UFZ44 Datasheet
212Kb / 7P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com