Electronic Components Datasheet Search
  English  ▼

X  

MX879 Datasheet(PDF) 1 Page - Clare, Inc.

Part # MX879
Description  8-Channel, 60V Driver with Open-Drain Output, 3 Wire Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MX879 Datasheet(HTML) 1 Page - Clare, Inc.

  MX879 Datasheet HTML 1Page - Clare, Inc. MX879 Datasheet HTML 2Page - Clare, Inc. MX879 Datasheet HTML 3Page - Clare, Inc. MX879 Datasheet HTML 4Page - Clare, Inc. MX879 Datasheet HTML 5Page - Clare, Inc. MX879 Datasheet HTML 6Page - Clare, Inc. MX879 Datasheet HTML 7Page - Clare, Inc. MX879 Datasheet HTML 8Page - Clare, Inc. MX879 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
July 29, 2011
www.clare.com
1
RoHS
2002/95/EC
e3
Pb
Features
• Eight (8) Outputs Rated at 60V, -120mA
• Open-Drain, Pull-Up Driver Configuration
• 6V to 60V Driver Supply Range
• 2.7V to 5.5V Logic Supply Range
• 3-Wire Serial Interface plus Chip Select
• Captures Serial & Parallel Input Data
• Outputs Can Be Paralleled
• 28-Lead QFN Package
Applications
• White Goods
• ATE
• Industrial Equipment
Description
The MX879 is an 8-channel, high voltage switch with
8-bit parallel or serial input control. The MX879
connects directly to a microprocessor through a
standard 3-wire serial interface. The open-drain,
pull-up output configuration can drive up to 60 volts at
-120mA. Outputs can be paralleled for increased drive
current up to a device total of 600mA source.
The MX879 is designed to operate over a temperature
range of -40°C to +85°C, and is available in a 28-lead
QFN Package.
Ordering Information
Functional Block Diagram
Part
Description
MX879R
QFN-28 (73/Tube)
MX879RTR
QFN-28 Tape & Reel (2500/Reel)
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN0
CS*
SCK
SDI
OE
I/O
Register
GND
Latch
Register
Parallel
In & Out
Driver
Level
Translator
V
CC
V
PWR
SDO
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
MX879
8-Channel, 60V Driver with
Open-Drain Output, 3 Wire Interface


Similar Part No. - MX879

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX879 IXYS-MX879 Datasheet
200Kb / 10P
8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
More results

Similar Description - MX879

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
IXYS Corporation
MX877 IXYS-MX877 Datasheet
199Kb / 10P
8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
MX878 IXYS-MX878 Datasheet
200Kb / 10P
8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
MX879 IXYS-MX879 Datasheet
200Kb / 10P
8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
logo
Diodes Incorporated
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07 Datasheet
160Kb / 5P
BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Clare, Inc.
MX877 CLARE-MX877 Datasheet
652Kb / 11P
8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07_15 Datasheet
173Kb / 5P
BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_V01 Datasheet
182Kb / 5P
BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com