Electronic Components Datasheet Search
  English  ▼

X  

MX879 Datasheet(PDF) 3 Page - Clare, Inc.

Part # MX879
Description  8-Channel, 60V Driver with Open-Drain Output, 3 Wire Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MX879 Datasheet(HTML) 3 Page - Clare, Inc.

  MX879 Datasheet HTML 1Page - Clare, Inc. MX879 Datasheet HTML 2Page - Clare, Inc. MX879 Datasheet HTML 3Page - Clare, Inc. MX879 Datasheet HTML 4Page - Clare, Inc. MX879 Datasheet HTML 5Page - Clare, Inc. MX879 Datasheet HTML 6Page - Clare, Inc. MX879 Datasheet HTML 7Page - Clare, Inc. MX879 Datasheet HTML 8Page - Clare, Inc. MX879 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MX879
July 29, 2011
www.clare.com
3
1
Specifications
1.1 Package Pinout
1.2 Pin Description
BOT TOM V IEW
7
6
5
4
3
2
1
15
16
17
18
19
20
21
Pin#
Name
Description
1OUT7
Parallel Output
2N/C
No Connection
3GND
Ground
4
VPWR
High Voltage Supply (6V to 60V)
5N/C
No Connection
6
VCC
Logic Supply (2.7V to 5.5V)
7SDO
Serial Data Output
8IN7
Parallel Input
9IN6
Parallel Input
10
IN5
Parallel Input
11
IN4
Parallel Input
12
IN3
Parallel Input
13
IN2
Parallel Input
14
IN1
Parallel Input
15
IN0
Parallel Input
16
SCK
Serial Clock
17
VPWR
High Voltage Supply (6V to 60V)
18
SDI
Serial Data Input
19
CS*
Chip Select (Active Low)
20
OE
Output Enable
21
GND
Ground
22
OUT0
Parallel Output
23
OUT1
Parallel Output
24
OUT2
Parallel Output
25
OUT3
Parallel Output
26
OUT4
Parallel Output
27
OUT5
Parallel Output
28
OUT6
Parallel Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com