Electronic Components Datasheet Search
  English  ▼

X  

PEF2015 Datasheet(PDF) 26 Page - Siemens Semiconductor Group

Part # PEF2015
Description  Mini IOM-2 Controller MICO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEF2015 Datasheet(HTML) 26 Page - Siemens Semiconductor Group

Back Button PEF2015 Datasheet HTML 22Page - Siemens Semiconductor Group PEF2015 Datasheet HTML 23Page - Siemens Semiconductor Group PEF2015 Datasheet HTML 24Page - Siemens Semiconductor Group PEF2015 Datasheet HTML 25Page - Siemens Semiconductor Group PEF2015 Datasheet HTML 26Page - Siemens Semiconductor Group PEF2015 Datasheet HTML 27Page - Siemens Semiconductor Group PEF2015 Datasheet HTML 28Page - Siemens Semiconductor Group PEF2015 Datasheet HTML 29Page - Siemens Semiconductor Group PEF2015 Datasheet HTML 30Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
PEF 2015
Operational Description
Semiconductor Group
26
12.97
The "pre-processed channel" option must always be applied to two consecutive time
slots. The first of these time slots must have an even time slot number. If two time-slots
are declared as "pre-processed channels", the first one can be accessed by the monitor/
feature control handler, which gives access to the frame via a 16-byte FIFO. Although
this function is mainly intended for IOM- or SLD-applications, it could also be used to
transmit or receive a "burst" of data to or from a 64-kbit/s channel. The second pre-
processed time slot, the odd one, is also accessed by the
µP. In downstream direction a
4-, 6- or 8-bit static value can be transmitted. In upstream direction the received 8-bit
value can be read. Additionally, a change detection mechanism will generate an interrupt
upon a change in any of the selected 4, 6 or 8 bits.
Pre-processed channels are usually programmed after Control Memory (CM) reset
during device initialization. Resetting the CM sets all CFI time slots to unassigned
channels (CM code '0000'). Of course, pre-processed channels can also be initialized or
re-initialized in the operational phase of the device.
To program a pair of pre-processed channels the correct code for the selected handling
scheme must be written to the CM. Figure 9 gives an overview of the available pre-
processing codes and their application. For further detail, please refer to chapter 5.5 of
the EPIC User’s Manual 02.97.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com