Electronic Components Datasheet Search
  English  ▼

X  

IL025 Datasheet(PDF) 1 Page - Ensign Corporation

Part # IL025
Description  Admiral Class - Lead Wires
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

IL025 Datasheet(HTML) 1 Page - Ensign Corporation

  IL025 Datasheet HTML 1Page - Ensign Corporation IL025 Datasheet HTML 2Page - Ensign Corporation IL025 Datasheet HTML 3Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Flame Retardant, UL 94V0 Rating
High Efficiency
25VA to 175VA Power Rating
Single or Dual Primary, 115V, 115/230V or 230V
(Optional 120, 120/240, 240, 120 with taps, 240 with taps, or 120/240 with taps)
50/60Hz (Economy 60Hz-only Models Available)
Dual Secondary (Optional Single or Center-tapped)
Any Secondary Voltage from 5V to 240V in 1V Increments
Insulation Material 130oC Standard (Optional 200oC)
Optional Internal Current or Thermal Protector
High Isolation, 4000 Vrms, 100% Tested
Color Coded Lead Wires
Admiral Class — Lead Wires
Agency Approvals:
UL/cUL 5085-2 Recognized (File E47299)
UL 60950 Recognized (File E144070)
VDE 0805 Licensed (File 19019-3336-9002/A1C)
UL 1446 Recognized Insulation system (File E95662)
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
34
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.
Flame Retardant Material
Channel Mount
Bracket Mount
Primary Schematics
Secondary Schematics
Single Output
Center-Tapped
Output
Series/Parallel
Output
Single Input
(Specify 115V or
120V)
Series/Parallel Input
(Specify 115/230V or
120/240V)
VA Rating
Secondary
Voltage
Dimensions (Inches)
L
W
H
Mounting
MC
WC
IL025
25VA
Parallel from
5V to 60V
Series, single &
center-tapped from
10V to 240V
1.95
2.13
2.31
Channel
2.38
-
IL043
43VA
2.26
2.13
2.68
Channel
2.81
-
IL080
80VA
2.50
2.50
3.00
Brackets
2.00
2.25
IL130
130VA
2.81
3.08
3.38
Brackets
2.25
2.50
IL175
175VA
3.12
3.12
3.75
Brackets
2.50
2.50
Single Input
(Specify 230V or
240V)


Similar Part No. - IL025

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
IL025-1-010X ENSIGN-IL025-1-010X Datasheet
688Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL025-1-012X ENSIGN-IL025-1-012X Datasheet
688Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL025-1-016X ENSIGN-IL025-1-016X Datasheet
688Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL025-1-020X ENSIGN-IL025-1-020X Datasheet
688Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL025-1-024X ENSIGN-IL025-1-024X Datasheet
688Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
More results

Similar Description - IL025

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
IL002 ENSIGN-IL002 Datasheet
481Kb / 2P
Admiral Class - Lead Wires
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL030-1-010X ENSIGN-IL030-1-010X Datasheet
727Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL080-1-010X ENSIGN-IL080-1-010X Datasheet
691Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IP030-1-010X ENSIGN-IP030-1-010X Datasheet
381Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IT025-1-010X ENSIGN-IT025-1-010X Datasheet
304Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IT043-1-010X ENSIGN-IT043-1-010X Datasheet
298Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IT175-1-010X ENSIGN-IT175-1-010X Datasheet
302Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
L006-1-510X ENSIGN-L006-1-510X Datasheet
499Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
L012-1-510X ENSIGN-L012-1-510X Datasheet
499Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com