Electronic Components Datasheet Search
  English  ▼

X  

IL025 Datasheet(PDF) 3 Page - Ensign Corporation

Part # IL025
Description  Admiral Class - Lead Wires
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

IL025 Datasheet(HTML) 3 Page - Ensign Corporation

  IL025 Datasheet HTML 1Page - Ensign Corporation IL025 Datasheet HTML 2Page - Ensign Corporation IL025 Datasheet HTML 3Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ILXXX
-X
XXX
X
-X
Chassis Mount with Lead Wires,
International
Rating:
IL002 = 2.5VA
IL043 = 43VA
IL005 = 5VA
IL056 = 56VA
IL010 = 10VA
IL080 = 80VA
IL020 = 20VA
IL130 = 130VA
IL025 = 25VA
IL175 = 175VA
IL030 = 30VA
Primary Voltages:
-1 = 120
-2 = 120/240 Dual (series / parallel)
-3 = 240
-4 = 100/110/120
-6 = 200/220/240
-7 = 120/220/240
-8 = 100/120/200/220/240
Secondary Voltages (10 through 240, in 1V Increments):
010 through 240 = Dual Secondary (series / parallel)
Number represents the voltage of the series connection. Example: “024” = 12V (parallel) / 24V (series)
510 through 740 = Center-tapped Secondary
Number represents the total voltage plus 500. Example: “524” = 24V with center-tap (12V on each side)
810 through 1040 = Single Secondary
Number represents the voltage plus 800. Example: “824” = 24V
Indication of Adjustment in Primary Voltage:
Blank = 120V, 120/240V or 240V, as selected above
X = Primary 115V instead of 120 and/or 230V instead of 240V
Optional Internal Protector
Blank = No internal protector
A through Z = Over-current and/or over-temperature protection
(Contact for list of available protectors)
Examples:
IL056-2-824A = 56VA, Dual 120/240V (series/parallel) Primary, 50/60Hz, with 130
C thermal cutoff,
Single 24V secondary
IL056-2-824XA = Same as above except Primary 115/230V
Admiral Class — Lead Wires
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
36
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com