Electronic Components Datasheet Search
  English  ▼

X  

PLCD5582 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # PLCD5582
Description  Low Power 0.145??8-Character, 5x5 Dot Matrix Parallel Input Alphanumeric Intelligent Display
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PLCD5582 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button PLCD5582 Datasheet HTML 4Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 5Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 6Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 7Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 8Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 9Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 10Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 11Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 12Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2–138
PLCD5580/1/2/3/4
Block Diagram
Functional Description
The PLCD558X block diagram is comprised of the following
major blocks and registers.
Display Memory consists of a 8x8 bit RAM block. Each of
the eight 8-bit words holds the 7-bit ASCII data (bit D0-D6).
The 8th bit, D7 selects 1 of the 2 pages of character ROM.
D7=0 selects Page 1 of the ROM and D7=1 selects Page 2 of
the ROM. A3=1.
RST can be used to initialize display operation upon power
up or during normal operation. When activated, RST will clear
the Flash RAM and Control Word Register (00H) and reset the
internal counter. All eight display memory locations will be set
to 20H to show blanks in all digits.
FL pin enables access to the Flash RAM. The Flash RAM will
set (D0=1)or reset (D0=0) flashing of the character
addressed by A0–A2.
The 1x8 bit Control Word RAM is loaded with attribute data
if A3=0.
The Control Word Logic decodes attribute data for proper
implementation.
Character ROM is designed for two pages of 128 characters
each. Both pages of the ROM are Mask Programmable for
custom fonts. On the standard product page one contains
standard ASCII, selected European characters and some sci-
entific symbols. Page two contains Katakana characters,
more European characters, avionics, and other graphic sym-
bols.
0
1
2
3
4
5
6
7
DISPLAY
Rows 0 to 9
Columns 0 to 19
Column
Data
Row Control Logic
& Row Drivers
Blink
Rate
+ 128
Counter
+ 7
Counter
+ 32
Counter
OSC
D6
D5
D4
D3
D2
D1
D0
D7
Control Word
Decode Logic
Display
Memory
7 Bit ASCII
Code
A0 A1 A2 A3 WR CE
FL
Address Decoder
Flash RAM
(8 x 1 Bit)
Address
Lines
Row Decoder
ROM 1
ROM 2
128x7 Bit
ASCII
Character
Decode
(4.48K Bits)
128x7 Bit
ASCII
Character
Decode
(4.48KBits)
Timing and
Control Logic
Master
Slave
Latches
Digit
0 to 8
Column
Drivers for
Digit 0 to 8
Mux
Rate
RST
CLK I/O
CLKSEL
8 x 8 Bits
The Clock Source could either be the internal oscillator
(CLKSEL=1) of the device or an external clock (CLKSEL=0)
could be an input from another PLCD211X display for the
synchronization of blinking for multiple displays.
The Display Multiplexer controls the Row Drivers so no
additional logic is required for a display system.
The Display has eight digits. Each digit has 25 LEDs clus-
tered into a 5x5 dot matrix.
Theory of Operation
The PLCD558X Programmable display is designed to work
with all major microprocessors. Data entry is via an eight bit
parallel bus. Three bits of address route the data to the
proper digit location in the RAM. Standard control signals like
WR and CE allow the data to be written into the display.
D0–D7 data bits are used for both ASCII and control word
data input. A3 acts as the mode selector. If A3=0, D0–D7
load the RAM with control word data. If A3=1, D0–D7 will
load the RAM with ASCII and page select data. In the later
mode, D7=0 selects Page 1 of Character ROM and D7=1
selects Page 2 of Character ROM.
For normal operation FL pin should be held high. When FL is
held low, Flash RAM is accessed to set character blinking.
The seven bit ASCII code is decoded by the Character ROM
to generate Column data. Twenty columns worth of data is
sent out each display cycle and it takes fourteen display
cycles to write into eight digits.
The rows are being multiplexed in two sets of five rows each.
The internal timing and control logic synchronizes the turning
on of rows and presentation of column data to assure proper
display operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com