Electronic Components Datasheet Search
  English  ▼

X  

PLCD5582 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # PLCD5582
Description  Low Power 0.145??8-Character, 5x5 Dot Matrix Parallel Input Alphanumeric Intelligent Display
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PLCD5582 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  PLCD5582 Datasheet HTML 1Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 2Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 3Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 4Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 5Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 6Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 7Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 8Page - Siemens Semiconductor Group PLCD5582 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2–133
PLCD5580/1/2/3/4
Optical Characteristics at 25
°C
VCC=5.0 V at Full Brightness
Red PLCD5580
Yellow PLCD5581
High Efficiency Red PLCD5582
Green PLCD5583
High Efficiency Green PLCD5584
Note
1. Peak luminous intensity is meaaured at TA=TJ=25°C. No time is allowed for the device to warm up prior to measurement.
Description
Symbol
Min.
Typ.
Units
Peak Luminous Intensity(1)
IVpeak
70
90
µcd/dot
Peak Wavelength
λ(peak)
660
nm
Dominant Wavelength
λ(d)
639
nm
Description
Symbol
Min.
Typ.
Units
Peak Luminous Intensity(1)
IVpeak
130
210
µcd/dot
Peak Wavelength
λ(peak)
583
nm
Dominant Wavelength
λ(d)
585
nm
Description
Symbol
Min.
Typ.
Units
Peak Luminous Intensity(1)
IVpeak
150
330
µcd/dot
Peak Wavelength
λ(peak)
630
nm
Dominant Wavelength
λ(d)
626
nm
Description
Symbol
Min.
Typ.
Units
Peak Luminous Intensity(1)
IVpeak
150
260
µcd/dot
Peak Wavelength
λ(peak)
565
nm
Dominant Wavelength
λ(d)
570
nm
Description
Symbol
Min.
Typ.
Units
Peak Luminous Intensity(1)
IVpeak
200
510
µcd/dot
Peak Wavelength
λ(peak)
568
nm
Dominant Wavelength
λ(d)
574
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com