Electronic Components Datasheet Search
  English  ▼

X  

Z0103NN/T3 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # Z0103NN/T3
Description  Logic level four-quadrant triac
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103NN/T3 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button Z0103NN/T3 Datasheet HTML 2Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 3Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 4Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 5Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 6Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 7Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 8Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 9Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Z0103NN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 05 — 21 March 2011
6 of 15
NXP Semiconductors
Z0103NN
4Q Triac
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-sp)
thermal resistance from junction
to solder point
full cycle; see Figure 8
--15
K/W
Rth(j-a)
thermal resistance from junction
to ambient
full cycle; printed circuit board mounted:
minimum footprint; see Figure 6
-
156
-
K/W
full cycle; printed circuit board mounted:
pad area; see Figure 7
-70
-
K/W
All dimensions are in mm
All dimensions are in mm
Printed circuit board:
FR4 epoxy glass (1.6 mm thick), copper laminate
(35 um thick)
Fig 6.
Minimum footprint SOT223
Fig 7.
Printed circuit board pad area: SOT223
001aab508
3.8 min
1.5
min
1.5
min
(3
×)
2.3
4.6
6.3
1.5
min
001aab509
7
4.6
15
36
9
10
18
4.5
60
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com