Electronic Components Datasheet Search
  English  ▼

X  

Z0103NN/T3 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # Z0103NN/T3
Description  Logic level four-quadrant triac
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103NN/T3 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button Z0103NN/T3 Datasheet HTML 6Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 7Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 8Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 9Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 10Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 11Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 12Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 13Page - NXP Semiconductors Z0103NN/T3 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Z0103NN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 05 — 21 March 2011
10 of 15
NXP Semiconductors
Z0103NN
4Q Triac
Fig 13. Normalized gate trigger voltage as a function of
junction temperature
Fig 14. Normalized critical rate of rise of off-state
voltage as a function of junction temperature;
typical values
Tj (°C)
-50
150
100
050
003aaa209
0.8
0.4
1.2
1.6
0
VGT(25°C)
VGT
1.6
1.2
0.8
0.4
0
A
0
50
100
150
Tj (°C)
003aaa208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com