Electronic Components Datasheet Search
  English  ▼

X  

Z0109NN2AL2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # Z0109NN2AL2
Description  Standard 1A Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109NN2AL2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button Z0109NN2AL2 Datasheet HTML 3Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 4Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 5Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 6Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 7Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 8Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 9Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 10Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Z01
Ordering information scheme
Doc ID 7474 Rev 10
7/12
Table 5.
Product Selector
Order code
Voltage
Sensitivity
Type
Package
600 V
800 V
Z0103MA
X
3 mA
Standard
TO-92
Z0103MN
X
3 mA
Standard
SOT-223
Z0103NA
X
3 mA
Standard
TO-92
Z0103NN
X
3 mA
Standard
SOT-223
Z0107MA
X
5 mA
Standard
TO-92
Z0107MN
X
5 mA
Standard
SOT-223
Z0107NA
X
5 mA
Standard
TO-92
Z0107NN
X
5 mA
Standard
SOT-223
Z0109MA
X
10 mA
Standard
TO-92
Z0109MN
X
10 mA
Standard
SOT-223
Z0109NA
X
10 mA
Standard
TO-92
Z0109NN
X
10 mA
Standard
SOT-223
Z0110MA
X
25 mA
Standard
TO-92
Z0110MN
X
25 mA
Standard
SOT-223
Z0110NA
X
25 mA
Standard
TO-92
Z0110NN
X
25 mA
Standard
SOT-223
Z0103MUF
X
3 mA
Standard
SMBflat-3L
Z0107MUF
X
5 mA
Standard
SMBflat-3L
Z0109MUF
X
10 mA
Standard
SMBflat-3L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com