Electronic Components Datasheet Search
  English  ▼

X  

Z0109NN2AL2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # Z0109NN2AL2
Description  Standard 1A Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109NN2AL2 Datasheet(HTML) 4 Page - STMicroelectronics

  Z0109NN2AL2 Datasheet HTML 1Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 2Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 3Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 4Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 5Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 6Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 7Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 8Page - STMicroelectronics Z0109NN2AL2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
Z01
4/12
Doc ID 7474 Rev 10
Figure 3.
On-state rms current versus
ambient temperature (free air
convection full cycle)
Figure 4.
Relative variation of thermal
impedance versus pulse duration
(Zth(j-a))
I
(A)
T(RMS)
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
R
= 60°C/W
(SOT-223)
th(j-a)
R
= 150°C/W
(TO-92)
th(j-a)
T
(°C)
amb
R
th (j-a) = 100°C/W
(SMBflat-3L)
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Z01xxMUF
Copper surface area
= 5cm²
Z01xxA
Z01xxN
K=[Z
/R
th(j-a)
th(j-a)]
t (s)
p
Figure 5.
Relative variation of holding
current and latching current versus
junction temperature (typ. values)
Figure 6.
Relative variation of gate trigger
current (IGT) and voltage (VGT)
versus junction temperature
I, I [T ] /
HL
j
I , I [T =25°C]
HL
j
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
I
H
I
L
T (°C)
j
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
Tj(°C)
I
GT,VGT[Tj]/ IGT,VGT[Tj=25 °C]
I
GT Q1-Q2
V
GT Q1-Q2-Q3-Q4
I
GT Q3
I
GT Q4
Figure 7.
Surge peak on-state current versus
number of cycles
Figure 8.
Non-repetitive surge peak
on-state current and corresponding
value of I2t sinusoidal pulse width
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
Number of cycles
Repetitive
T
= 95 °C
amb
Non repetitive
T initial = 25 °C
j
I
(A)
TSM
One cycle
T = 20 ms
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
t (ms)
p
I
(A), I t (A s)
TSM
22
It
2
dI/dt limitation:
20A/µs
T initial = 25°C
j
ITSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com