Electronic Components Datasheet Search
  English  ▼

X  

AD5737 Datasheet(PDF) 41 Page - Analog Devices

Part # AD5737
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5737 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD5737 Datasheet HTML 36Page - Analog Devices AD5737 Datasheet HTML 37Page - Analog Devices AD5737 Datasheet HTML 38Page - Analog Devices AD5737 Datasheet HTML 39Page - Analog Devices AD5737 Datasheet HTML 40Page - Analog Devices AD5737 Datasheet HTML 41Page - Analog Devices AD5737 Datasheet HTML 42Page - Analog Devices AD5737 Datasheet HTML 43Page - Analog Devices AD5737 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Data Sheet
AD5737
Rev. B | Page 41 of 44
Traces
The power supply lines of the AD5737 should use as large a trace
as possible to provide low impedance paths and reduce the effects
of glitches on the power supply line. Fast switching signals such
as clocks should be shielded with digital ground to prevent radi-
ating noise to other parts of the board and should never be run
near the reference inputs. A ground line routed between the
SDIN and SCLK traces helps reduce crosstalk between them (not
required on a multilayer board that has a separate ground plane,
but separating the lines helps). It is essential to minimize noise on
the REFIN line because it couples through to the DAC output.
Avoid crossover of digital and analog signals. Traces on oppo-
site sides of the board should run at right angles to each other
to reduce the effects of feedthrough on the board. A microstrip
technique is by far the best method, but it is not always possible
with a double-sided board. In this technique, the component
side of the board is dedicated to ground plane, and signal traces
are placed on the solder side.
DC-to-DC Converters
To achieve high efficiency, good regulation, and stability, a
well-designed printed circuit board layout is required.
Follow these guidelines when designing printed circuit boards
(see Figure 55):
•
Keep the low ESR input capacitor, CIN, close to AVCC and
PGND.
•
Keep the high current path from CIN through the inductor
(LDCDC) to SWx and PGND as short as possible.
•
Keep the high current path from CIN through the inductor
(LDCDC), the diode (DDCDC), and the output capacitor (CDCDC)
as short as possible.
•
Keep high current traces as short and as wide as possible.
The path from CIN through the inductor (LDCDC) to SWx
and PGND should be able to handle a minimum of 1 A.
•
Place the compensation components as close as possible to
the COMPDCDC_x pin.
•
Avoid routing high impedance traces near any node
connected to SWx or near the inductor to prevent radiated
noise injection.
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that may occur. The
Analog Devices iCoupler® products can provide voltage isolation
in excess of 2.5 kV. The serial loading structure of the AD5737
makes it ideal for isolated interfaces because the number of inter-
face lines is kept to a minimum. Figure 64 shows a 4-channel
isolated interface to the AD5737 using an ADuM1411. For
more information, visit www.analog.com.
SERIAL CLOCK
OUT
TO SCLK
ENCODE
DECODE
SERIAL DATA
OUT
TO SDIN
ENCODE
DECODE
SYNC OUT
ENCODE
DECODE
CONTROL OUT
ENCODE
DECODE
MICROCONTROLLER
ADuM1411
TO SYNC
TO LDAC
VIA
VOA
VIB
VOB
VIC
VOC
VID
VOD
Figure 64. 4-Channel Isolated Interface to the AD5737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com