Electronic Components Datasheet Search
  English  ▼

X  

AD5737 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5737
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5737 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5737 Datasheet HTML 19Page - Analog Devices AD5737 Datasheet HTML 20Page - Analog Devices AD5737 Datasheet HTML 21Page - Analog Devices AD5737 Datasheet HTML 22Page - Analog Devices AD5737 Datasheet HTML 23Page - Analog Devices AD5737 Datasheet HTML 24Page - Analog Devices AD5737 Datasheet HTML 25Page - Analog Devices AD5737 Datasheet HTML 26Page - Analog Devices AD5737 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Data Sheet
AD5737
Rev. B | Page 23 of 44
REGISTERS
Table 7, Table 8, and Table 9 provide an overview of the registers for the AD5737.
Table 7. Data Registers for the AD5737
Register
Description
DAC Data Registers
The four DAC data registers (one register per DAC channel) are used to write a DAC code to each DAC
channel. The DAC data bits are D15 to D4.
Gain Registers
The four gain registers (one register per DAC channel) are used to program the gain trim on a per-channel
basis. The gain data bits are D15 to D4.
Offset Registers
The four offset registers (one register per DAC channel) are used to program the offset trim on a per-channel
basis. The offset data bits are D15 to D4.
Clear Code Registers
The four clear code registers (one register per DAC channel) are used to program the clear code on a per-
channel basis. The clear code data bits are D15 to D4.
Table 8. Control Registers for the AD5737
Register
Description
Main Control Register
The main control register is used to configure functions for the entire part. These functions include the
following: enabling status readback during a write; enabling the output on all four DAC channels simulta-
neously; power-on of the dc-to-dc converter on all four DAC channels simultaneously; and enabling and
configuring the watchdog timer. For more information, see the Main Control Register section.
DAC Control Registers
The four DAC control registers (one register per DAC channel) are used to configure the following functions
on a per-channel basis: output range (for example, 4 mA to 20 mA); selection of the internal current sense
resistor or an external current sense resistor; enabling/disabling the use of a clear code; enabling/disabling
the internal circuitry (dc-to-dc converter, DAC, and internal amplifiers); power-on/power-off of the dc-to-dc
converter; and enabling/disabling the output channel.
Software Register
The software register is used to perform a reset, to toggle the user bit in the status register, and, as part of
the watchdog timer feature, to verify correct data communication operation.
DC-to-DC Control Register
The dc-to-dc control register is used to set the control parameters for the dc-to-dc converter: maximum
output voltage, phase, and switching frequency. This register is also used to select the internal compensa-
tion resistor or an external compensation resistor for the dc-to-dc converter.
Slew Rate Control Registers
The four slew rate control registers (one register per DAC channel) are used to program the slew rate of
the DAC output.
Table 9. Readback Register for the AD5737
Register
Description
Status Register
The status register contains any fault information, as well as a user toggle bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com