Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5422
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 4 Page - Analog Devices

  AD5422 Datasheet HTML 1Page - Analog Devices AD5422 Datasheet HTML 2Page - Analog Devices AD5422 Datasheet HTML 3Page - Analog Devices AD5422 Datasheet HTML 4Page - Analog Devices AD5422 Datasheet HTML 5Page - Analog Devices AD5422 Datasheet HTML 6Page - Analog Devices AD5422 Datasheet HTML 7Page - Analog Devices AD5422 Datasheet HTML 8Page - Analog Devices AD5422 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD5750/AD5750-1/AD5750-2
Data Sheet
Rev. D | Page 4 of 36
SPECIFICATIONS
AVDD/AVSS = ±12 V (± 10%) to ±24 V (± 10%), DVCC = 2.7 V to 5.5 V, GND = 0 V. IOUT: RLOAD = 300 Ω. All specifications TMIN to TMAX,
unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT VOLTAGE RANGE
Output unloaded
0 to 4.096
V
AD5750
0 to 2.5
AD5750-1/AD5750-2
Input Leakage Current
−1
+1
µA
REFERENCE INPUT
Reference Input Voltage
4.096
V
AD5750; external reference must
to be exactly as stated; otherwise,
accuracy errors show up as error
in output
2.5
V
AD5750-2; external reference needs
to be exactly as stated; otherwise,
accuracy errors show up as error
in output
1.25
V
AD5750-1; external reference needs
to be exactly as stated; otherwise,
accuracy errors show up as error
in output
Input Leakage Current
−1
+1
µA
VOLTAGE OUTPUT
Output Voltage Ranges
0
5
V
0
10
V
AVDD needs to have minimum
1.3 V headroom or >11.3 V
−5
+5
V
−10
+10
V
AVDD/AVSS needs to have minimum
1.3 V headroom or >±11.3 V
Output Voltage Overranges
0
6
V
Programmable overranges; see the
Detailed Description of Features
section
0
12
V
−6
+6
V
−12
+12
V
−2.5
+2.5
V
Accuracy
Total Unadjusted Error (TUE)
B Version2
−0.1
+0.1
% FSR
−0.05
±0.02
+0.05
% FSR
TA = 25°C
A Version2
−0.3
+0.3
% FSR
−0.1
±0.05
+0.1
% FSR
TA = 25°C
Relative Accuracy (INL)
−0.02
±0.005
+0.02
% FSR
Bipolar Zero Error (Offset at Midscale)
−10
+10
mV
±10 V range
−8
±0.5
+8
mV
TA = 25°C, ±10 V range
−5
+5
mV
±5 V range
−4
±0.3
+4
mV
TA = 25°C, ± 5 V range
Bipolar Zero Error Temperature
Coefficient3
±1.5
ppm FSR/°C
All bipolar ranges
Zero-Scale Error
−10
+10
mV
±10 V range
−8
±0.5
+8
mV
TA = 25°C, ±10 V range
−5
+5
mV
± 5 V range
−4
±0.3
+4
mV
TA = 25°C, ±5 V range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com