Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5422
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5422 Datasheet HTML 3Page - Analog Devices AD5422 Datasheet HTML 4Page - Analog Devices AD5422 Datasheet HTML 5Page - Analog Devices AD5422 Datasheet HTML 6Page - Analog Devices AD5422 Datasheet HTML 7Page - Analog Devices AD5422 Datasheet HTML 8Page - Analog Devices AD5422 Datasheet HTML 9Page - Analog Devices AD5422 Datasheet HTML 10Page - Analog Devices AD5422 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD5750/AD5750-1/AD5750-2
Rev. D | Page 7 of 36
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT OUTPUT CHARACTERISTICS3
Current Loop Compliance Voltage
0
AVDD − 2.75
V
Resistive Load
See test conditions/comments column
Chosen such that compliance is
not exceeded
Inductive Load
See test conditions/comments column
Needs appropriate capacitor at
higher inductance values; see the
Driving Inductive Loads section
Settling Time
4 mA to 20 mA, Full-Scale Step
8.5
µs
250 Ω load
4 mA to 20 mA, 120 µA Step
1.2
µs
250 Ω load
DC PSRR
1
µA/V
Output Impedance
130
MΩ
Leakage Current
−12
+12
nA
Output disabled; leakage to ground
VOUT/VSENSE− Error
0.9994
1.0006
Gain
Error in VOUT voltage due to changes
in VSENSE−; specified as gain, for
example, if VSENSE− moves by 1 V,
VOUT moves by 0.9994 V
DIGITAL INPUT
JEDEC compliant
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input Current
−1
+1
µA
Per pin
Pin Capacitance
5
pF
Per pin
DIGITAL OUTPUTS3
FAULT, IFAULT, TEMP, VFAULT
Output Low Voltage, VOL
0.4
V
10 kΩ pull-up resistor to DVCC
0.6
V
At 2.5 mA
Output High Voltage, VOH
3.6
V
10 kΩ pull-up resistor to DVCC
SDO
Output Low Voltage, VOL
0.5
0.5
V
Sinking 200 µA
Output High Voltage, VOH
DVCC − 0.5
DVCC − 0.5
V
Sourcing 200 µA
High Impedance Output Capacitance
3
pF
High Impedance Leakage Current
−1
+1
µA
POWER REQUIREMENTS
AVDD
12
24
V
±10%
AVSS
−12
−24
V
±10%
DVCC
Input Voltage
2.7
5.5
V
AIDD
4.4
5.6
mA
Output unloaded, output disabled,
R3, R2, R1, R0 = 0, 1, 0, 1; RSET = 0
5.2
6.2
mA
Current output enabled
5.2
6.2
mA
Voltage output enabled
AISS
2.0
2.5
mA
Output unloaded, output disabled,
R3, R2, R1, R0 = 0, 1, 0, 1; RSET = 0,
AD5750 and AD5750-1
2.0
3.5
mA
AD5750-2
2.5
3
mA
Current output enabled
2.5
3
mA
Voltage output enabled
DICC
0.3
1
mA
VIH = DVCC, VIL = GND
Power Dissipation
108
mW
AVDD/AVSS = ±24 V, outputs unloaded
1
Temperature range: −40°C to +105°C; typical at +25°C.
2
Specification includes gain and offset errors over temperature and drift after 1000 hours, TA = 125°C.
3
Guaranteed by characterization, but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com