Electronic Components Datasheet Search
  English  ▼

X  

AD5420 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5420
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5420 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5420 Datasheet HTML 8Page - Analog Devices AD5420 Datasheet HTML 9Page - Analog Devices AD5420 Datasheet HTML 10Page - Analog Devices AD5420 Datasheet HTML 11Page - Analog Devices AD5420 Datasheet HTML 12Page - Analog Devices AD5420 Datasheet HTML 13Page - Analog Devices AD5420 Datasheet HTML 14Page - Analog Devices AD5420 Datasheet HTML 15Page - Analog Devices AD5420 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD5750/AD5750-1/AD5750-2
Data Sheet
Rev. D | Page 12 of 36
Pin No.
Mnemonic
Description
11
AD0/R3
Device Addressing Bit (AD0). In software mode, this pin, in conjunction with AD1 and AD2, allows up to eight
devices to be addressed on one bus.
Range Decode Bit (R3). In hardware mode, this pin, in conjunction with R0, R1, and R2, selects the output
current/voltage range setting on the part.
12, 13
REXT2, REXT1
A 15 kΩ external current setting resistor can be connected between the REXT1 and REXT2 pins to improve the
IOUT temperature drift performance.
14
VREF
Buffered Reference Input.
15
VIN
Buffered Analog Input (0 V to 4.096 V).
16
GND
Ground Connection.
17
AVDD
Positive Analog Supply.
18
IOUT
Current Output.
19, 20
COMP2,
COMP1
Optional Compensation Capacitor Connections for the Voltage Output Buffer. These pins are used to drive
higher capacitive loads on the output. They also reduce overshoot on the output. Care should be taken when
choosing the value of the capacitor connected between the COMP1 and COMP2 pins because it has a direct
influence on the settling time of the output. See the Driving Large Capacitive Loads section for further details.
21
AVSS
Negative Analog Supply.
22
VSENSE−
Sense Connection for the Negative Voltage Output Load Connection. This pin must stay within ±3.0 V of
ground for correct operation.
23
VOUT
Buffered Analog Output Voltage.
24
VSENSE+
Sense Connection for the Positive Voltage Output Load Connection.
25, 26,
27, 28
NC
No Connect. Can be tied to GND.
29
HW SELECT
This pin is used to configure the part to hardware or software mode. HW SELECT = 0 selects software control,
and HW SELECT = 1 selects hardware control.
30
RESET
Resets the part to its power-on state.
31
FAULT/TEMP
Fault Alert (FAULT). In software mode, this pin acts as a general fault alert pin. It is asserted low when an open-
circuit error, short-circuit error, overtemperature error, or PEC interface error is detected. This pin is an open-
drain output and must be connected to a pull-up resistor.
Overtemperature Fault (TEMP). In hardware mode, this pin acts as an overtemperature fault pin. It is asserted
low when an overtemperature error is detected. This pin is an open-drain output and must be connected to a
pull-up resistor.
32
NC/IFAULT
No Connect (NC). In software mode, this pin is a no connect. Instead, tie this pin to GND.
Open-Circuit Fault Alert (IFAULT). In hardware mode, this pin acts as an open-circuit fault alert pin. It is asserted
low when an open-circuit error is detected. This pin is an open-drain output and must be connected to a pull-
up resistor.
EPAD
The exposed paddle is tied to AVSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com