Electronic Components Datasheet Search
  English  ▼

X  

AD5420 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5420
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5420 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5420 Datasheet HTML 15Page - Analog Devices AD5420 Datasheet HTML 16Page - Analog Devices AD5420 Datasheet HTML 17Page - Analog Devices AD5420 Datasheet HTML 18Page - Analog Devices AD5420 Datasheet HTML 19Page - Analog Devices AD5420 Datasheet HTML 20Page - Analog Devices AD5420 Datasheet HTML 21Page - Analog Devices AD5420 Datasheet HTML 22Page - Analog Devices AD5420 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
AD5750/AD5750-1/AD5750-2
Rev. D | Page 19 of 36
6
–6
–4
–2
0
2
4
105
25
–40
TEMPERATURE (°C)
AVDD = +24V
AVSS = –24V
+4mA TO +20mA EXTERNAL RSET
0mA TO +20mA EXTERNAL RSET
0mA TO +24mA EXTERNAL RSET
±20mA EXTERNAL RSET
±24mA EXTERNAL RSET
Figure 36. Zero-Scale Error vs. Temperature, External RSET Sense Resistor
25
–20
–15
–10
–5
0
5
10
15
20
105
25
–40
TEMPERATURE (°C)
AVDD = +24V
AVSS = –24V
+4mA TO +20mA INTERNAL RSET
0mA TO +20mA INTERNAL RSET
0mA TO +24mA INTERNAL RSET
±20mA INTERNAL RSET
±24mA INTERNAL RSET
Figure 37. Zero-Scale Error vs. Temperature, Internal RSET Sense Resistor
3
–5
–4
–3
–2
–1
0
1
2
105
25
–40
TEMPERATURE (°C)
AVDD = +24V
AVSS = –24V
±20mA, EXTERNAL RSET
±24mA, EXTERNAL RSET
Figure 38. Bipolar Zero-Scale Error vs. Temperature,
External RSET Sense Resistor
2
–6
–5
–4
–3
–2
–1
0
1
105
25
–40
TEMPERATURE (°C)
AVDD = +24V
AVSS = –24V
±20mA, INTERNAL RSET
±24mA, INTERNAL RSET
Figure 39. Bipolar Zero-Scale Error vs. Temperature,
Internal RSET Sense Resistor
0.04
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
105
25
–40
TEMPERATURE (°C)
AVDD = +24V
AVSS = –24V
+4mA TO +20mA EXTERNAL RSET
0mA TO +20mA EXTERNAL RSET
0mA TO +24mA EXTERNAL RSET
±20mA EXTERNAL RSET
±24mA EXTERNAL RSET
Figure 40. Full-Scale Error vs. Temperature, External RSET Sense Resistor
0.04
–0.06
–0.04
–0.05
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
105
25
–40
TEMPERATURE (°C)
AVDD = +24V
AVSS = –24V
+4mA TO +20mA INTERNAL RSET
0mA TO +20mA INTERNAL RSET
0mA TO +24mA INTERNAL RSET
±20mA INTERNAL RSET
±24mA INTERNAL RSET
Figure 41. Full-Scale Error vs. Temperature, Internal RSET Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com