Electronic Components Datasheet Search
  English  ▼

X  

AD620 Datasheet(PDF) 17 Page - Analog Devices

Part # AD620
Description  Wide Supply Range, Micropower,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD620 Datasheet HTML 13Page - Analog Devices AD620 Datasheet HTML 14Page - Analog Devices AD620 Datasheet HTML 15Page - Analog Devices AD620 Datasheet HTML 16Page - Analog Devices AD620 Datasheet HTML 17Page - Analog Devices AD620 Datasheet HTML 18Page - Analog Devices AD620 Datasheet HTML 19Page - Analog Devices AD620 Datasheet HTML 20Page - Analog Devices AD620 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD8420
Rev. 0 | Page 17 of 28
20mV/DIV
4µs/DIV
Figure 51. Small Signal Pulse Response, G = 1, RL = 20 kΩ, CL = 100 pF
20mV/DIV
20µs/DIV
Figure 52. Small Signal Pulse Response, G = 10, RL = 20 kΩ, CL = 100 pF
20mV/DIV
200µs/DIV
Figure 53. Small Signal Pulse Response, G = 100, RL = 20 kΩ, CL = 100 pF
20mV/DIV
2ms/DIV
Figure 54. Small Signal Pulse Response, G = 1000, RL = 20 kΩ, CL = 100 pF
20mV/DIV
5µs/DIV
NO LOAD
220pF
470pF
780pF
Figure 55. Small Signal Response with Various Capacitive Loads,
G = 1, RL = ∞
04
35
30
25
20
15
10
5
SUPPLY VOLTAGE (V)
50
90
85
80
75
70
65
60
55
0
Figure 56. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com