Electronic Components Datasheet Search
  English  ▼

X  

AD620 Datasheet(PDF) 24 Page - Analog Devices

Part # AD620
Description  Wide Supply Range, Micropower,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD620 Datasheet HTML 20Page - Analog Devices AD620 Datasheet HTML 21Page - Analog Devices AD620 Datasheet HTML 22Page - Analog Devices AD620 Datasheet HTML 23Page - Analog Devices AD620 Datasheet HTML 24Page - Analog Devices AD620 Datasheet HTML 25Page - Analog Devices AD620 Datasheet HTML 26Page - Analog Devices AD620 Datasheet HTML 27Page - Analog Devices AD620 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD8420
Data Sheet
Rev. 0 | Page 24 of 28
APPLICATIONS INFORMATION
AD8420 IN ELECTROCARDIOGRAPHY (ECG)
A high-pass filter is commonly used in ECG signal conditioning
circuitry to remove electrode offset and motion artifacts. To avoid
degrading the input impedance and CMRR of the system, this
filtering is typically implemented after the instrumentation
amplifier, which limits the gain that can be applied with the
instrumentation amplifier.
With a 3-op-amp instrumentation amplifier, gain is applied in the
first stage. Because of this, the electrode offset is gained and then
must be removed afterward with a high-pass filter. In the AD8420
architecture, the offset can be accounted for in the input stage
by unbalancing the transconductance amplifier at the REF and
FB pins. In the steady state, the offset at the input is not gained
to the output, and higher frequency signals can be gained and
passed through. Using the AD8420 in this way, the offset tolerance
is nearly the differential input range of the part (±1 V).
Figure 69 shows an ECG front end that applies a gain of 100 to
the signal while rejecting dc and high frequencies. This circuit
combines the AD8420 with the AD8657, which is a low power,
low cost, dual, precision CMOS op amp.
–5V
8200pF
10MΩ
INSTRUMENTATION
AMPLIFIER
G = +100
AD8420
+5V
–5V
+5V
3.3μF
AB
C
402kΩ
200pF
200pF
2000pF
100kΩ
100kΩ
+5V
–5V
AD8657-2
AD8657-1
REF
FB
100kΩ
1kΩ
200kΩ
200kΩ
0.015μF
THREE-POLE LPF,
BESSEL RESPONSE
FC = 50Hz
INTEGRATOR PROVIDES
HIGH-PASS POLE AT 0.5Hz
110kΩ
0.022μF
500kΩ
Figure 69. AD8420 in an ECG Front End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com