Electronic Components Datasheet Search
  English  ▼

X  

AD5694R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5694R
Description  Quad 16-/14-/12-Bit nanoDAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5694R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5694R Datasheet HTML 23Page - Analog Devices AD5694R Datasheet HTML 24Page - Analog Devices AD5694R Datasheet HTML 25Page - Analog Devices AD5694R Datasheet HTML 26Page - Analog Devices AD5694R Datasheet HTML 27Page - Analog Devices AD5694R Datasheet HTML 28Page - Analog Devices AD5694R Datasheet HTML 29Page - Analog Devices AD5694R Datasheet HTML 30Page - Analog Devices AD5694R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD5696R/AD5695R/AD5694R
Rev. 0 | Page 27 of 32
APPLICATIONS INFORMATION
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5696R/AD5695R/
AD5694R is via a serial bus that uses a standard protocol that
is compatible with DSP processors and microcontrollers. The
communications channel requires a 2-wire interface consisting of
a clock signal and a data signal.
AD5696R/AD5695R/AD5694R TO ADSP-BF531
INTERFACE
The I2C interface of the AD5696R/AD5695R/AD5694R is
designed to be easily connected to industry-standard DSPs and
microcontrollers. Figure 58 shows the AD5696R/AD5695R/
AD5694R connected to the Analog Devices Blackfin® DSP. The
Blackfin has an integrated I2C port that can be connected
directly to the I2C pins of the AD5696R/AD5695R/AD5694R.
Figure 58. ADSP-BF531 Interface
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consider-
ation of the power supply and ground return layout helps
to ensure the rated performance. The PCB on which the
AD5696R/AD5695R/AD5694R are mounted should be
designed so that the AD5696R/AD5695R/AD5694R lie
on the analog plane.
The AD5696R/AD5695R/AD5694R should have ample supply
bypassing of 10 μF in parallel with 0.1 μF on each supply, located as
close to the package as possible, ideally right up against the
device. The 10 μF capacitors are the tantalum bead type. The
0.1 μF capacitor should have low effective series resistance
(ESR) and low effective series inductance (ESI) such as the
common ceramic types, which provide a low impedance path to
ground at high frequencies to handle transient currents due to
internal logic switching.
In systems where there are many devices on one board, it is
often useful to provide some heat sinking capability to allow
the power to dissipate easily.
The AD5696R/AD5695R/AD5694R LFCSP models have an
exposed paddle beneath the device. Connect this paddle to the
GND supply for the part. For optimum performance, use
special considerations to design the motherboard and to mount
the package. For enhanced thermal, electrical, and board level
performance, solder the exposed paddle on the bottom of the
package to the corresponding thermal land paddle on the PCB.
Design thermal vias into the PCB land paddle area to further
improve heat dissipation.
The GND plane on the device can be increased (as shown in
Figure 59) to provide a natural heat sinking effect.
Figure 59. Paddle Connection to Board
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to
provide an isolation barrier between the controller and
the unit being controlled to protect and isolate the controlling
circuitry from any hazardous common-mode voltages that
may occur. iCoupler® products from Analog Devices provide
voltage isolation in excess of 2.5 kV. The serial loading struc-
ture of the AD5696R/AD5695R/AD5694R makes the part ideal
for isolated interfaces because the number of interface lines is
kept to a minimum. Figure 60 shows a 4-channel isolated
interface to the AD5696R/AD5695R/AD5694R using an
ADuM1400. For further information, visit
http://www.analog.com/icouplers.
Figure 60. Isolated Interface
ADSP-BF531
SCL
GPIO1
SDA
GPIO2
LDAC
PF9
RESET
PF8
AD5696R/
AD5695R/
AD5694R
AD5696R/
AD5695R/
AD5694R
GND
PLANE
BOARD
ENCODE
SERIAL
CLOCK IN
CONTROLLER
ADuM14001
SERIAL
DATA OUT
RESET OUT
LOAD DAC
OUT
DECODE
TO
SCL
TO
SDA
TO
RESET
TO
LDAC
VIA
VOA
ENCODE
DECODE
VIB
VOB
ENCODE
DECODE
VIC
VOC
ENCODE
DECODE
VID
VOD
1
ADDITIONAL PINS OMITTED FOR CLARITY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com