Electronic Components Datasheet Search
  English  ▼

X  

AD8657 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8657
Description  22 關A, RRIO, CMOS, 18 V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8657 Datasheet HTML 6Page - Analog Devices AD8657 Datasheet HTML 7Page - Analog Devices AD8657 Datasheet HTML 8Page - Analog Devices AD8657 Datasheet HTML 9Page - Analog Devices AD8657 Datasheet HTML 10Page - Analog Devices AD8657 Datasheet HTML 11Page - Analog Devices AD8657 Datasheet HTML 12Page - Analog Devices AD8657 Datasheet HTML 13Page - Analog Devices AD8657 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8546/AD8548
Data Sheet
Rev. B | Page 10 of 24
0
1
2
3
4
5
6
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 2.7V
RL = 100kΩ
RL = 1MΩ
Figure 21. Output Voltage (VOL) vs. Temperature
0
5
10
15
20
25
30
35
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
VCM (V)
–40°C
+25°C
+85°C
+125°C
VSY = 2.7V
Figure 22. Supply Current per Amplifier vs. Common-Mode Voltage
0
5
10
15
20
25
30
35
0
3
6
9
12
15
18
VSY (V)
–40°C
+25°C
+85°C
+125°C
Figure 23. Supply Current per Amplifier vs. Supply Voltage
0
2
4
6
8
10
12
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 100kΩ
RL = 1MΩ
VSY = 18V
Figure 24. Output Voltage (VOL) vs. Temperature
0
5
10
15
20
25
30
35
0
3
6
9
12
15
18
VCM (V)
VSY = 18V
–40°C
+25°C
+85°C
+125°C
Figure 25. Supply Current per Amplifier vs. Common-Mode Voltage
0
10
20
30
40
50
60
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 2.7V
VSY = 18V
Figure 26. Supply Current per Amplifier vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com