Electronic Components Datasheet Search
  English  ▼

X  

AD8657 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8657
Description  22 關A, RRIO, CMOS, 18 V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8657 Datasheet HTML 10Page - Analog Devices AD8657 Datasheet HTML 11Page - Analog Devices AD8657 Datasheet HTML 12Page - Analog Devices AD8657 Datasheet HTML 13Page - Analog Devices AD8657 Datasheet HTML 14Page - Analog Devices AD8657 Datasheet HTML 15Page - Analog Devices AD8657 Datasheet HTML 16Page - Analog Devices AD8657 Datasheet HTML 17Page - Analog Devices AD8657 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8546/AD8548
Data Sheet
Rev. B | Page 14 of 24
TIME (40µs/DIV)
0
0.2
0.4
0
–1
–2
VSY = ±1.35V
AV = –10
RL = 1MΩ
INPUT
OUTPUT
Figure 45. Negative Overload Recovery
TIME (10µs/DIV)
0
+5mV
–5mV
VSY = 2.7V
RL = 100kΩ
CL = 10pF
INPUT
OUTPUT
ERROR BAND
Figure 46. Positive Settling Time to 0.1%
TIME (10µs/DIV)
0
+5mV
–5mV
VSY = 2.7V
RL = 100kΩ
CL = 10pF
INPUT
OUTPUT
ERROR BAND
Figure 47. Negative Settling Time to 0.1%
TIME (40µs/DIV)
0
1
2
0
–5
–10
VSY = ±9V
AV = –10
RL = 1MΩ
INPUT
OUTPUT
Figure 48. Negative Overload Recovery
TIME (10µs/DIV)
0
+5mV
–5mV
VSY = 18V
RL = 100kΩ
CL = 10pF
INPUT
OUTPUT
ERROR BAND
Figure 49. Positive Settling Time to 0.1%
TIME (10µs/DIV)
0
+5mV
–5mV
VSY = 18V
RL = 100kΩ
CL = 10pF
INPUT
OUTPUT
ERROR BAND
Figure 50. Negative Settling Time to 0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com