Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7944
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7944 Datasheet HTML 19Page - Analog Devices AD7944 Datasheet HTML 20Page - Analog Devices AD7944 Datasheet HTML 21Page - Analog Devices AD7944 Datasheet HTML 22Page - Analog Devices AD7944 Datasheet HTML 23Page - Analog Devices AD7944 Datasheet HTML 24Page - Analog Devices AD7944 Datasheet HTML 25Page - Analog Devices AD7944 Datasheet HTML 26Page - Analog Devices AD7944 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADA4896-2/ADA4897-1/ADA4897-2
Rev.
| Page 23 of 28
ADA4896-2/ADA4897-1/ADA4897-2 in the Ultrasound System
LNA
LNA
AD7982
18-BIT ADC
2.5V
2.5V
4nF
50Ω
50Ω
I
CHANNEL H
CHANNEL A
LO
GENERATION
4
CWI+
CWI–
AD9279
CFILT
CFILT
RFILT
1.5V
1.5V
RFILT
RA
RA
RA
RA
AD7982
18-BIT ADC
2.5V
2.5V
4nF
50Ω
50Ω
Q
CWQ+
CWQ–
CFILT
CFILT
RFILT
1.5V
1.5V
RFILT
Φ
Φ
Φ
Φ
ADA4896-2/
ADA4897-1/
ADA4897-2
ADA4896-2/
ADA4897-1/
ADA4897-2
ADA4896-2/
ADA4897-1/
ADA4897-2
ADA4896-2/
ADA4897-1/
ADA4897-2
Figure 55. Using the ADA4896-2/ADA4897-1/ADA4897-2 as Filters, I-to-V Converters, Current Summers, and ADC Drivers After the I/Q Outputs of the AD9279
The ADA4896-2/ADA4897-1/ADA4897-2 are used in the CW
Doppler path in the ultrasound application after the I/Q demod-
ulators of the AD9279. Doppler signals can be typically between
100 Hz to 100 kHz. The low noise floor and high dynamic range
of the ADA4896-2/ADA4897-1/ADA4897-2 make them excellent
choices for processing weak Doppler signals.
The rail-to-rail output and the high output current drive of
the ADA4896-2/ADA4897-1/ADA4897-2 make them suitable
candidates for the I-to-V converter, current summer, and ADC
driver.
Figure 55 shows an interconnection block diagram of all
eight channels of the AD9279. Two stages of the ADA4896-2
amplifiers are used. The first stage performs an I-to-V conver-
sion and filters the high frequency content that results from
the demodulation process. The second stage of the ADA4896-2
amplifiers is used to sum the output currents of multiple AD9279
devices, to provide gain, and to drive the AD7982 device, an
18-bit SAR ADC.
The output-referred noise of the CW signal path depends on
the LNA gain, the selection of the first stage summing amplifier,
and the value of RFILT. To determine the output-referred noise, it
is important to know the active low-pass filter (LPF) values RA,
RFILT, and CFILT, as shown as Figure 55. Typical filter values for
all eight channels of a single AD9279 are 100 Ω for RA, 500 Ω
for RFILT, and 2.0 nF for CFILT; these values implement a 100 kHz,
single-pole LPF.
The gain of the I-to-V converter can be increased by increasing
the filter resistor, RFILT. To keep the corner frequency unchanged,
decrease the filter capacitor, CFILT, by the same factor. The factor
limiting the magnitude of the gain is the output swing and drive
capability of the op amp selected for the I-to-V converter, in this
example, the ADA4896-2/ADA4897-1/ADA4897-2. Because
any amplifier has limited drive capability, a finite number of
channels can be summed.
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com