Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7944
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7944 Datasheet HTML 20Page - Analog Devices AD7944 Datasheet HTML 21Page - Analog Devices AD7944 Datasheet HTML 22Page - Analog Devices AD7944 Datasheet HTML 23Page - Analog Devices AD7944 Datasheet HTML 24Page - Analog Devices AD7944 Datasheet HTML 25Page - Analog Devices AD7944 Datasheet HTML 26Page - Analog Devices AD7944 Datasheet HTML 27Page - Analog Devices AD7944 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
ADA4896-2/ADA4897-1/ADA4897-2
Rev.
| Page 27 of 28
COMPLIANT TO JEDEC STANDARDS MO-187-BA
6°
0°
0.70
0.55
0.40
5
10
1
6
0.50 BSC
0.30
0.15
1.10 MAX
3.10
3.00
2.90
COPLANARITY
0.10
0.23
0.13
3.10
3.00
2.90
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 60. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Ordering
Quantity
Branding
ADA4896-2ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
50
H2P
ADA4896-2ARMZ-R7
−40°C to +125°C
8-Lead MSOP
RM-8
1,000
H2P
ADA4896-2ARMZ-RL
−40°C to +125°C
8-Lead MSOP
RM-8
3,000
H2P
ADA4896-2ACPZ-R2
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-11
250
H2P
ADA4896-2ACPZ-R7
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-11
1,500
H2P
ADA4896-2ACPZ-RL
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-11
5,000
H2P
ADA4896-2ACP-EBZ
Evaluation Board for the 8-Lead LFCSP
ADA4896-2ARM-EBZ
Evaluation Board for the 8-Lead MSOP
ADA4897-1ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADA4897-1ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADA4897-1ARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
2,500
ADA4897-1ARJZ-R2
−40°C to +125°C
6-Lead SOT-23
RJ-6
250
H2K
ADA4897-1ARJZ-R7
−40°C to +125°C
6-Lead SOT-23
RJ-6
3,000
H2K
ADA4897-1ARJZ-RL
−40°C to +125°C
6-Lead SOT-23
RJ-6
10,000
H2K
ADA4897-1AR-EBZ
Evaluation Board for the 8-Lead SOIC_N
ADA4897-1ARJ-EBZ
Evaluation Board for the 6-Lead SOT-23
ADA4897-2ARMZ
−40°C to +125°C
10-Lead MSOP
RM-10
50
H2N
ADA4897-2ARMZ-R7
−40°C to +125°C
10-Lead MSOP
RM-10
1,000
H2N
ADA4897-2ARMZ-RL
−40°C to +125°C
10-Lead MSOP
RM-10
3,000
H2N
ADA4897-2ARM-EBZ
Evaluation Board for the 10-Lead MSOP
1 Z = RoHS Compliant Part.
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com