Electronic Components Datasheet Search
  English  ▼

X  

AD7609 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7609
Description  8-Channel Differential DAS with 18-Bit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7609 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7609 Datasheet HTML 20Page - Analog Devices AD7609 Datasheet HTML 21Page - Analog Devices AD7609 Datasheet HTML 22Page - Analog Devices AD7609 Datasheet HTML 23Page - Analog Devices AD7609 Datasheet HTML 24Page - Analog Devices AD7609 Datasheet HTML 25Page - Analog Devices AD7609 Datasheet HTML 26Page - Analog Devices AD7609 Datasheet HTML 27Page - Analog Devices AD7609 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD7609
Data Sheet
Rev. A | Page 24 of 36
TYPICAL CONNECTION DIAGRAM
Figure 41 shows the typical connection diagram for the
AD7609. There are four AVCC supply pins on the part that
can be tied together and decoupled using a 100 nF capacitor at
each supply pin and a 10 µF capacitor at the supply source. The
AD7609 can operate with the internal reference or an externally
applied reference. In this configuration, the AD7609 is config-
ured to operate with the internal reference. When using a single
AD7609 device on the board, the REFIN/REFOUT pin should
be decoupled with a 10 µF capacitor. In an application with
multiple AD7609 devices, see the Internal/External Reference
section. The REFCAPA and REFCAPB pins are shorted together
and decoupled with a 10 µF ceramic capacitor.
The VDRIVE supply is connected to the same supply as the pro-
cessor. The voltage on VDRIVE controls the voltage value of the
output logic signals. For layout, decoupling, and grounding
hints, see the Layout Guidelines section.
After supplies are applied to the AD7609, a reset should be
applied to the AD7609 to ensure that it is configured for the
correct mode of operation.
POWER-DOWN MODES
There are two power-down modes available on the AD7609.
The STBY pin controls whether the AD7609 is in normal mode
or one of the two power-down modes. The two power-down
modes available are standby mode and shutdown mode. The
power-down mode is selected through the state of the RANGE
pin when the STBY pin is low. Table 8 shows the configurations
required to choose the desired power-down mode. When the
AD7609 is placed in standby mode, the current consumption is
8 mA maximum and power-up time is approximately 100 µs
because the capacitor on the REFCAPA/REFCAPB pins must
charge up. In standby mode, the on-chip reference and
regulators remain powered up and the amplifiers and ADC core
are powered down. When the AD7609 is placed in shutdown
mode, the current consumption is 11 µA maximum and power
up time is about 13 ms. In shutdown mode, all circuitry
is powered down. When the AD7609 is powered up from
shutdown mode, a reset signal must be applied to the AD7609
after the required power-up time has elapsed.
Table 8. Power-Down Mode Selection
Power-Down Mode
STBY
RANGE
Standby
0
1
Shutdown
0
0
AVCC
AGND
VDRIVE
+
REFIN/REFOUT
DB0 TO DB15
CONVST A, B
CS
RD
BUSY
RESET
AD7609
1µF
10µF
100nF
DIGITAL SUPPLY
VOLTAGE +2.3V TO +5V
ANALOG SUPPLY
VOLTAGE 5V1
EIGHT DIFFERENTIAL
ANALOG INPUT PAIRS
PARALLEL
INTERFACE
1DECOUPLING SHOWN ON THE AVCC PIN APPLIES TO EACH AVCC PIN (PIN 1, PIN 37, PIN 38, PIN 48).
DECOUPLING CAPACITOR CAN BE SHARED BETWEEN AVCC PIN 37 AND PIN 38.
2DECOUPLING SHOWN ON THE REGCAP PIN APPLIES TO EACH REGCAP PIN (PIN 36, PIN 39).
REGCAP2
+
10µF
REFCAPA
REFCAPB
OS 2
OS 1
OS 0
OVERSAMPLING
100nF
V1+
PAR/SER SEL
STBY
REF SELECT
RANGE
V2+
V3+
V4+
V5+
V6+
V7+
V8+
REFGND
V1–
V2–
V3–
V4–
V5–
V6–
V7–
V8–
VDRIVE
VDRIVE
Figure 41. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com