Electronic Components Datasheet Search
  English  ▼

X  

AD7609 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7609
Description  8-Channel Differential DAS with 18-Bit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7609 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7609 Datasheet HTML 24Page - Analog Devices AD7609 Datasheet HTML 25Page - Analog Devices AD7609 Datasheet HTML 26Page - Analog Devices AD7609 Datasheet HTML 27Page - Analog Devices AD7609 Datasheet HTML 28Page - Analog Devices AD7609 Datasheet HTML 29Page - Analog Devices AD7609 Datasheet HTML 30Page - Analog Devices AD7609 Datasheet HTML 31Page - Analog Devices AD7609 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD7609
Data Sheet
Rev. A | Page 28 of 36
DIGITAL FILTER
The AD7609 contains an optional digital filter. This digital filter
is a first-order sinc filter. This digital filter should be used in
applications where slower throughput rates are used or where
higher signal-to-noise ratio or dynamic range is desirable. The
oversampling ratio of the digital filter is controlled using the
oversampling pins, OS [2:0] (see Table 9). OS 2 is the MSB
control bit and OS 0 is the LSB control bit. Table 9 provides
the oversampling bit decoding to select the different oversample
rates. The OS pins are latched on the falling edge of BUSY.
This sets the oversampling rate for the next conversion (see
Figure 45). In addition to the oversampling function, the output
result is decimated to 18-bit resolution.
If the OS pins are set to select an OS ratio of 8, the next
CONVST x rising edge takes the first sample for each channel
and the remaining seven samples for all channels are taken with
an internally generated sampling signal. These samples are then
averaged to yield an improvement in SNR performance. Table 9
shows typical SNR performance for both the ±10 V and the
±5 V ranges. As Table 9 indicates, there is an improvement in
SNR as the OS ratio increases. As the OS ratio increases, the
3 dB frequency is reduced and the allowed sampling frequency
is also reduced. In an application where the required sampling
frequency is 10 kSPS, an OS ratio of up to 16 can be used. In
this case, the application sees an improvement in SNR but the
input −3 dB bandwidth is limited to ~6 kHz.
The CONVST A and CONVST B pins must be tied/driven
together when oversampling is turned on. When the over-
sampling function is turned on, the BUSY high time for the
conversion process extends. The actual BUSY high time
depends on the oversampling rate selected; the higher the
oversampling rate, the longer the BUSY high, or total
conversion time, see Table 9.
Figure 46 shows that the conversion time extends as the over-
sampling rate is increased, and the BUSY signal lengthens for the
different oversampling rates. For example, a sampling frequency
of 10 kSPS yields a cycle time of 100 µs. Figure 46 shows OS × 2
and OS × 4; for a 10 kSPS example, there is adequate cycle time
to further increase the oversampling rate and yield greater
improvements in SNR performance. In an application where
the initial sampling or throughput rate is at 200 kSPS, for
example, and oversampling is turned on, the throughput rate
must be reduced to accommodate the longer conversion time
and to allow for the read. To achieve the fastest throughput
rate possible when oversampling is turned on, the read can be
performed during the BUSY high time. The falling edge of BUSY
is used to update the output data registers with the new conver-
sion data; therefore, the reading of conversion data should not
occur on this edge. Figure 47 to Figure 53 illustrate the effect of
oversampling on the code spread in a dc histogram plot. As the
oversample rate is increased, the spread of codes is reduced. (In
Figure 47 to Figure 53, AVCC = VDRIVE = 5 V and the sampling
rate was scaled with OS ratio.)
CONVST A,
CONVST B
BUSY
OS x
tOS_SETUP
tOS_HOLD
CONVERSION N
CONVERSION N + 1
OVERSAMPLE RATE
LATCHED FOR CONVERSION N + 1
Figure 45. OS Pin Timing
Table 9. Oversampling Bit Decoding (100 Hz Input Signal)
OS
[2:0]
OS
Ratio
SNR ±5 V Range
(dB)
SNR ±10 V Range
(dB)
−3 dB BW 5 V Range
(kHz)
−3 dB BW 10 V
Range (kHz)
Maximum Throughput
CONVST x Frequency (kHz)
000
No OS
90.8
91.5
22
33
200
001
2
93.3
93.9
22
28.9
100
010
4
95.5
96.4
18.5
21.5
50
011
8
98
98.9
11.9
12
25
100
16
100.6
101
6
6
12.5
101
32
101.8
102
3
3
6.25
110
64
102.7
102.9
1.5
1.5
3.125
111
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com