Electronic Components Datasheet Search
  English  ▼

X  

83C166 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # 83C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

83C166 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button 83C166 Datasheet HTML 4Page - Siemens Semiconductor Group 83C166 Datasheet HTML 5Page - Siemens Semiconductor Group 83C166 Datasheet HTML 6Page - Siemens Semiconductor Group 83C166 Datasheet HTML 7Page - Siemens Semiconductor Group 83C166 Datasheet HTML 8Page - Siemens Semiconductor Group 83C166 Datasheet HTML 9Page - Siemens Semiconductor Group 83C166 Datasheet HTML 10Page - Siemens Semiconductor Group 83C166 Datasheet HTML 11Page - Siemens Semiconductor Group 83C166 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
7
V
CC
7, 18,
38, 61,
79, 93
-
Digital Supply Voltage:
+ 5 V during normal operation and idle mode.
≥ 2.5 V during power down mode
V
SS
6, 21,
39, 60,
78, 94
-
Digital Ground.
Pin Definitions and Functions (cont’d)
Symbol
Pin
Number
Input
Output
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com