Electronic Components Datasheet Search
  English  ▼

X  

83C166 Datasheet(PDF) 21 Page - Siemens Semiconductor Group

Part # 83C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

83C166 Datasheet(HTML) 21 Page - Siemens Semiconductor Group

Back Button 83C166 Datasheet HTML 17Page - Siemens Semiconductor Group 83C166 Datasheet HTML 18Page - Siemens Semiconductor Group 83C166 Datasheet HTML 19Page - Siemens Semiconductor Group 83C166 Datasheet HTML 20Page - Siemens Semiconductor Group 83C166 Datasheet HTML 21Page - Siemens Semiconductor Group 83C166 Datasheet HTML 22Page - Siemens Semiconductor Group 83C166 Datasheet HTML 23Page - Siemens Semiconductor Group 83C166 Datasheet HTML 24Page - Siemens Semiconductor Group 83C166 Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
20
Parallel Ports
The SAB 80C166 provides up to 76 I/O lines which are organized into five input/output ports and
one input port. All port lines are bit-addressable, and all input/output lines are individually (bit-wise)
programmable as inputs or outputs via direction registers. The I/O ports are true bidirectional ports
which are switched to high impedance state when configured as inputs. During the internal reset, all
port pins are configured as inputs.
All port lines have programmable alternate input or output functions associated with them. Port 0
and Port 1 may be used as address and data lines when accessing external memory, while Port 4
outputs the additional segment address bits A17/A16 in systems where segmentation is enabled to
access more than 64 KBytes of memory. Port 2 is associated with the capture inputs or compare
outputs of the CAPCOM unit and/or with optional bus arbitration signals (BREQ, HLDA, HOLD).
Port 3 includes alternate functions of timers, serial interfaces, optional bus control signals (WR,
BHE, READY) and the system clock output (CLKOUT). Port 5 is used for the analog input channels
to the A/D converter. All port lines that are not used for these alternate functions may be used as
general purpose I/O lines.
Serial Channels
Serial communication with other microcontrollers, processors, terminals or external peripheral
components is provided by two serial interfaces with identical functionality, Asynchronous/
Synchronous Serial Channels ASC0 and ASC1.
They are upward compatible with the serial ports of the Siemens SAB 8051x microcontroller family
and support full-duplex asynchronous communication up to 625 Kbaud and half-duplex
synchronous communication up to 2.5 Mbaud @ 20 MHz CPU clock.
Two dedicated baud rate generators allow to set up all standard baud rates without oscillator tuning.
For transmission, reception, and erroneous reception 3 separate interrupt vectors are provided for
each serial channel.
In asynchronous mode, 8- or 9-bit data frames are transmitted or received, preceded by a start bit
and terminated by one or two stop bits. For multiprocessor communication, a mechanism to
distinguish address from data bytes has been included (8-bit data + wake up bit mode).
In synchronous mode one data byte is transmitted or received synchronously to a shift clock which
is generated by the SAB 80C166.
A loop back option is available for testing purposes.
A number of optional hardware error detection capabilities has been included to increase the
reliability of data transfers. A parity bit can automatically be generated on transmission or be
checked on reception. Framing error detection allows to recognize data frames with missing stop
bits. An overrun error will be generated, if the last character received has not been read out of the
receive buffer register at the time the reception of a new character is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com