Electronic Components Datasheet Search
  English  ▼

X  

AD9637 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9637
Description  Octal, 12-Bit, 40/80 MSPS, Serial LVDS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9637 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9637 Datasheet HTML 10Page - Analog Devices AD9637 Datasheet HTML 11Page - Analog Devices AD9637 Datasheet HTML 12Page - Analog Devices AD9637 Datasheet HTML 13Page - Analog Devices AD9637 Datasheet HTML 14Page - Analog Devices AD9637 Datasheet HTML 15Page - Analog Devices AD9637 Datasheet HTML 16Page - Analog Devices AD9637 Datasheet HTML 17Page - Analog Devices AD9637 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD9637
Data Sheet
Rev. 0 | Page 14 of 40
AD9637-40
0
–15
–30
–45
–75
–60
–105
–90
–120
–135
2
4
6
8
10
12
14
16
18
FREQUENCY (MHz)
40MSPS
9.7MHz AT –1dBFS
SNR = 71.0dB (72.0dBFS)
SFDR = 96.9dBc
Figure 21. Single-Tone 16k FFT with fIN = 9.7 MHz, fSAMPLE = 40 MSPS
2
4
6
8
10
12
14
16
18
0
–15
–30
–45
–75
–60
–105
–90
–120
–135
FREQUENCY (MHz)
40MSPS
30.5MHz AT –1dBFS
SNR = 70.9dB (7.19dBFS)
SFDR = 95.87dBc
Figure 22. Single-Tone 16k FFT with fIN = 30.5 MHz, fSAMPLE = 40 MSPS
2
4
6
8
10
12
14
16
18
0
–15
–30
–45
–75
–60
–105
–90
–120
–135
FREQUENCY (MHz)
F2 – F1
2F2 – F1
2F1 – F2
2F2 + F1
F1 + F2
+
2F1 + F2
Figure 23. Two-Tone 16k FFT with fIN1 = 8 MHz and fIN2 = 10 MHz,
fSAMPLE = 40 MSPS
2
4
6
8
10
12
14
16
18
0
–15
–30
–45
–75
–60
–105
–90
–120
–135
FREQUENCY (MHz)
40MSPS
19.7MHz AT –1dBFS
SNR = 70.9dB (71.9dBFS)
SFDR = 91.0dBc
Figure 24. Single-Tone 16k FFT with fIN = 19.7 MHz, fSAMPLE = 40 MSPS
2
4
6
8
10
12
14
16
18
0
–15
–30
–45
–75
–60
–105
–90
–120
–135
FREQUENCY (MHz)
40MSPS
69.5MHz AT –1dBFS
SNR = 70.5dB (71.5dBFS)
SFDR = 88.6dBc
Figure 25. Single-Tone 16k FFT with fIN = 69.5 MHz, fSAMPLE = 40 MSPS
0
–20
–40
–60
–80
–100
–120
–90
–78
–66
–54
–42
–6
–18
–30
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 26. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 30 MHz and fIN2 = 32 MHz, fSAMPLE = 40 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com