Electronic Components Datasheet Search
  English  ▼

X  

AD9637 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9637
Description  Octal, 12-Bit, 40/80 MSPS, Serial LVDS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9637 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9637 Datasheet HTML 20Page - Analog Devices AD9637 Datasheet HTML 21Page - Analog Devices AD9637 Datasheet HTML 22Page - Analog Devices AD9637 Datasheet HTML 23Page - Analog Devices AD9637 Datasheet HTML 24Page - Analog Devices AD9637 Datasheet HTML 25Page - Analog Devices AD9637 Datasheet HTML 26Page - Analog Devices AD9637 Datasheet HTML 27Page - Analog Devices AD9637 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD9637
Data Sheet
Rev. 0 | Page 24 of 40
Figure 59 shows an example of the LVDS output using the
ANSI-644 standard (default) data eye and a time interval error
(TIE) jitter histogram with trace lengths of less than 24 inches
on standard FR-4 material.
0.5k
1.0k
1.5k
3.0k
2.5k
2.0k
0
300
200
100
–300
–200
–100
0
EYE: ALL BITS
ULS: 8000:448000
Figure 59. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
of Less Than 24 Inches on Standard FR-4, External 100 Ω Far-End
Termination Only
Figure 60 shows an example of trace lengths exceeding 24 inches
on standard FR-4 material. Note that the TIE jitter histogram
reflects the decrease of the data eye opening as the edge deviates
from the ideal position.
It is the responsibility of the user to determine if the waveforms
meet the timing budget of the design when the trace lengths exceed
24 inches. Additional SPI options allow the user to further increase
the internal termination (increasing the current) of all eight outputs
to drive longer trace lengths, which can be achieved by program-
ming Register 0x15. Even though this option produces sharper
rise and fall times on the data edges and is less prone to bit errors,
it also increases the power dissipation of the DRVDD supply.
0.5k
1.0k
1.5k
3.0k
2.5k
2.0k
0
300
200
100
–300
–200
–100
0
EYE: ALL BITS
ULS: 7000:448000
Figure 60. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
Greater Than 24 Inches on Standard FR-4, External 100 Ω Far Termination Only
The default format of the output data is twos complement. Table 10
shows an example of the output coding format. To change the
output data format to offset binary, see the Memory Map section.
Data from each ADC is serialized and provided on a separate
channel in DDR mode. The data rate for each serial stream is equal
to 12 bits times the sample clock rate, quantity divided by 2,
with a maximum of 480 Mbps (12 bits × 80 MSPS)/2 = 480 Mbps.
The lowest typical conversion rate is 10 MSPS. See the Memory
Map section for details on enabling this feature.
Table 10. Digital Output Coding
Input (V)
Condition (V)
Offset Binary Output Mode
Twos Complement Mode
VIN+ − VIN−
< −VREF − 0.5 LSB
0000 0000 0000
1000 0000 0000
VIN+ − VIN−
= −VREF
0000 0000 0000
1000 0000 0000
VIN+ − VIN−
= 0
1000 0000 0000
0000 0000 0000
VIN+ − VIN−
= +VREF − 1.0 LSB
1111 1111 1111
0111 1111 1111
VIN+ − VIN−
> +VREF − 0.5 LSB
1111 1111 1111
0111 1111 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com