Electronic Components Datasheet Search
  English  ▼

X  

AD8137 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8137
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 1 Page - Analog Devices

  AD8137 Datasheet HTML 1Page - Analog Devices AD8137 Datasheet HTML 2Page - Analog Devices AD8137 Datasheet HTML 3Page - Analog Devices AD8137 Datasheet HTML 4Page - Analog Devices AD8137 Datasheet HTML 5Page - Analog Devices AD8137 Datasheet HTML 6Page - Analog Devices AD8137 Datasheet HTML 7Page - Analog Devices AD8137 Datasheet HTML 8Page - Analog Devices AD8137 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Ultralow Power, Low Distortion
Fully Differential ADC Driver
Data Sheet
ADA4940-1/ADA4940-2
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011
–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Small signal bandwidth: 260 MHz
Ultralow power 1.25mA
Extremely low harmonic distortion
−122 dB THD at 50 kHz
−96 dB THD at 1 MHz
Low input voltage noise: 3.9 nV/√Hz
0.35 mV maximum offset voltage
Balanced outputs
Settling time to 0.1%: 34 ns
Rail-to-rail output: −VS + 0.1 V to +VS − 0.1 V
Adjustable output common-mode voltage
Flexible power supplies: 3 V to 7 V (LFCSP)
Disable pin to reduce power consumption
ADA4940-1 is available in LFCSP and SOIC packages
APPLICATIONS
Low power PulSAR®/SAR ADC drivers
Single-ended-to-differential conversion
Differential buffers
Line drivers
Medical imaging
Industrial process controls
Portable electronics
GENERAL DESCRIPTION
The ADA4940-1/ADA4940-2 are low noise, low distortion fully
differential amplifiers with very low power consumption. They
are an ideal choice for driving low power, high resolution, high
performance SAR and sigma-delta (Σ-Δ) analog-to-digital
converters (ADCs) with resolutions up to 16 bits from dc to
1 MHz on only 1.25 mA of quiescent current. The adjustable
level of the output common-mode voltage allows the ADA4940-1/
ADA4940-2 to match the input common-mode voltage of
multiple ADCs. The internal common-mode feedback loop
provides exceptional output balance, as well as suppression of
even-order harmonic distortion products.
With the ADA4940-1/ADA4940-2, differential gain configurations
are easily realized with a simple external feedback network of
four resistors determining the closed-loop gain of the amplifier.
The ADA4940-1/ADA4940-2 are fabricated using Analog Devices,
Inc., SiGe complementary bipolar process, enabling them to
achieve very low levels of distortion with an input voltage noise
of only 3.9 nV/√Hz. The low dc offset and excellent dynamic
performance of the ADA4940-1/ADA4940-2 make them well
suited for a variety of data acquisition and signal processing
applications.
FUNCTIONAL BLOCK DIAGRAMS
1
–FB
2
+IN
3
–IN
4
+FB
11 –OUT
12 DISABLE
10 +OUT
9
VOCM
ADA4940-1
ADA4940-2
1
–IN1
2
+FB1
3
+VS1
4
+VS1
5
–FB2
6
+IN2
15 –VS2
16 –VS2
17 VOCM1
18 +OUT1
14 DISABLE2
13 –OUT2
Figure 1.
0
–160
–140
–120
–100
–80
–60
–40
–20
0
20k
40k
60k
80k
100k
FREQUENCY (Hz)
+DIN
–DIN
R1
R2
R4
R3
+IN
–OUT
CF
33Ω
2.5V
AD7982
ADA4940-1
33Ω
2.7nF
2.7nF
CF
+OUT
+
–
–IN
IN+
IN– GND
VDD
REF
VOCM
Figure 2. ADA4940-1 Driving the AD7982 ADC
The ADA4940-1 is available in a Pb-free, 3 mm × 3 mm, 16-lead
LFCSP, and an 8-lead SOIC. The ADA4940-2 is available in a Pb-
free, 4 mm × 4 mm, 24-lead LFCSP. The pinout is optimized to
facilitate printed circuit board (PCB) layout and minimize
distortion. The ADA4940-1/ADA4940-2 are specified to
operate over the −40°C to +125°C temperature range.
Table 1. Similar Products to the ADA4940-1/ADA4940-2
Product
Isupply
(mA)
Bandwidth
(MHz)
Slew Rate
(V/µs)
Noise
(nV/√Hz)
AD8137
3
110
450
8.25
ADA4932-x
9
560
2800
3.6
ADA4941-1
2.2
31
22
5.1
Table 2. Complementary Products to the ADA4940-1/ADA4940-2
Product
Power
(mW)
Throughput
(MSPS)
Resolution
(Bits)
SNR
(dB)
AD7982
7.0
1
18
98
AD7984
10.5
1.333
18
96.5
AD7621
65
3
16
88
AD7623
45
1.333
16
88


Similar Part No. - AD8137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
815Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
8/04-Data Sheet Changed from a Rev. 0 to Rev. A.
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
331Kb / 8P
Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
REV. A
AD8137 AD-AD8137 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137 Datasheet
939Kb / 16P
Matched Resistor Network for Precision Amplifiers
More results

Similar Description - AD8137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
ADA4857-1 AD-ADA4857-1 Datasheet
584Kb / 20P
Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
REV. 0
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD8375 AD-AD8375_1 Datasheet
792Kb / 24P
Ultralow Distortion IF VGA
REV. 0
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
ADA4940-1 AD-ADA4940-1_16 Datasheet
1Mb / 30P
Ultralow Power, Low Distortion, Fully Differential ADC Drivers
Rev. D
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
Rev. D
ADA4940-1 AD-ADA4940-1_18 Datasheet
1Mb / 30P
Ultralow Power, Low Distortion, Fully Differential ADC Drivers
4/2018-Rev. D to Rev. E
AD8375 AD-AD8375_17 Datasheet
735Kb / 24P
Ultralow Distortion IF VGA
Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com