Electronic Components Datasheet Search
  English  ▼

X  

AD8137 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8137
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8137 Datasheet HTML 20Page - Analog Devices AD8137 Datasheet HTML 21Page - Analog Devices AD8137 Datasheet HTML 22Page - Analog Devices AD8137 Datasheet HTML 23Page - Analog Devices AD8137 Datasheet HTML 24Page - Analog Devices AD8137 Datasheet HTML 25Page - Analog Devices AD8137 Datasheet HTML 26Page - Analog Devices AD8137 Datasheet HTML 27Page - Analog Devices AD8137 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADA4940-1/ADA4940-2
Data Sheet
Rev. B | Page 24 of 32
Terminating a Single-Ended Input
This section describes how to properly terminate a single-ended
input to the ADA4940-1/ADA4940-2 with a gain of 1, RF = 1 kΩ
and RG = 1 kΩ. An example using an input source with a terminated
output voltage of 1 V p-p and source resistance of 50 Ω illustrates
the three steps that must be followed. Because the terminated
output voltage of the source is 1 V p-p, the open-circuit output
voltage of the source is 2 V p-p. The source shown in Figure 66
indicates this open-circuit voltage.
RS
50Ω
VS
2V p-p
RIN, se
1.33kΩ
ADA4940-1
ADA4940-2
RL VOUT, dm
+VS
–VS
RG
1kΩ
RG
1kΩ
RF
1kΩ
RF
1kΩ
VOCM
Figure 66. Calculating Single-Ended Input Impedance, RIN
1. The input impedance is calculated by
Ω
k
.33
1
)
1000
1000
(
2
1000
1
1000
)
(
2
1
,
=
+
×
−
=
+
×
−
=
F
G
F
G
se
IN
R
R
R
R
R
2. To match the 50 Ω source resistance, calculate the
termination resistor, RT, using RT||1.33 kΩ = 50 Ω.
The closest standard 1% value for RT is 52.3 Ω.
ADA4940-1
ADA4940-2
RL
VOUT, dm
+VS
–VS
RS
50Ω
RG
1kΩ
RG
1kΩ
RF
1kΩ
RF
1kΩ
VOCM
VS
2V p-p
RIN, se
50Ω
RT
52.3
Ω
Figure 67. Adding Termination Resistor RT
3. Figure 67 shows that the effective RG in the upper feedback
loop is now greater than the RG in the lower loop due to the
addition of the termination resistors. To compensate for the
imbalance of the gain resistors, add a correction resistor (RTS)
in series with RG in the lower loop. RTS is the Thevenin
equivalent of the source resistance, RS, and the termination
resistance, RT, and is equal to RS||RT.
RS
50Ω
VS
2V p-p
RT
52.3
Ω
RTH
25.5Ω
VTH
1.02V p-p
Figure 68. Calculating the Thevenin Equivalent
RTS = RTH = RS||RT = 25.5 Ω. Note that VTH is greater than
1 V p-p, which was obtained with RT = 50 Ω. The modified
circuit with the Thevenin equivalent (closest 1% value used for
RTH) of the terminated source and RTS in the lower feedback
loop is shown in Figure 69.
ADA4940-1
ADA4940-2
RL VOUT, dm
+VS
–VS
RTH
25.5Ω
RG
1kΩ
RG
1kΩ
RF
1kΩ
RF
1kΩ
VOCM
VTH
1.02V p-p
RTS
25.5
Ω
Figure 69. Thevenin Equivalent and Matched Gain Resistors
Figure 69 presents a tractable circuit with matched feedback
loops that can be easily evaluated.
It is useful to point out two effects that occur with a terminated
input. The first is that the value of RG is increased in both loops,
lowering the overall closed-loop gain. The second is that VTH
is a little larger than 1 V p-p, as it would be if RT = 50 Ω.
These two effects have opposite impacts on the output voltage,
and for large resistor values in the feedback loops (~1 kΩ), the
effects essentially cancel each other out. For small RF and RG,
or high gains, however, the diminished closed-loop gain is not
cancelled completely by the increased VTH. This can be seen by
evaluating Figure 69.
The desired differential output in this example is 1 V p-p
because the terminated input signal was 1 V p-p and the
closed-loop gain = 1. The actual differential output voltage,
however, is equal to (1.02 V p-p)(1000/1025.5) = 0.996 V p-p.
This is within the tolerance of the resistors, so no change to
the feedback resistor, RF, is required.
INPUT COMMON-MODE VOLTAGE RANGE
The ADA4940-1/ADA4940-2 input common-mode range is
shifted down by approximately 1 VBE, in contrast to other ADC
drivers with centered input ranges, such as the ADA4939-x. The
downward-shifted input common-mode range is especially
suited to dc-coupled, single-ended-to-differential, and single-
supply applications.
For ±2.5 V or +5 V supply operation, the input common-mode
range at the summing nodes of the amplifier is specified as −2.7 V
to +1.3 V or −0.2 V to 3.8 V, and is specified as −0.2 V to +1.8 V
with a +3 V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com