Electronic Components Datasheet Search
  English  ▼

X  

ADF4196BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4196BCPZ
Description  Low Phase Noise, Fast Settling, 6 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196BCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADF4196BCPZ Datasheet HTML 1Page - Analog Devices ADF4196BCPZ Datasheet HTML 2Page - Analog Devices ADF4196BCPZ Datasheet HTML 3Page - Analog Devices ADF4196BCPZ Datasheet HTML 4Page - Analog Devices ADF4196BCPZ Datasheet HTML 5Page - Analog Devices ADF4196BCPZ Datasheet HTML 6Page - Analog Devices ADF4196BCPZ Datasheet HTML 7Page - Analog Devices ADF4196BCPZ Datasheet HTML 8Page - Analog Devices ADF4196BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADF4196
Rev. B | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to Ground
−0.3 V to +3.6 V
AVDD to DVDD1, DVDD2, DVDD3, SDVDD
−0.3 V to +0.3 V
VP1, VP2, VP3 to Ground
−0.3 V to +5.8 V
VP1, VP2, VP3 to AVDD
−0.3 V to +5.8 V
Digital I/O Voltage to Ground
−0.3 V to VDD + 0.3 V
Analog I/O Voltage to Ground
−0.3 V to VP1, VP2, VP3 + 0.3 V
REFIN, RFIN+, RFIN− to Ground
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with
an ESD rating of <2 kV, and it is ESD sensitive. Take proper
precautions for handling and assembly.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
Unit
32-Lead LFCSP (Paddle Soldered)
27.3
°C/W
TRANSISTOR COUNT
This device includes 75,800 metal oxide semiconductors (MOS)
and 545 bipolar junction transistors (BJT).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com