Electronic Components Datasheet Search
  English  ▼

X  

ADF4196BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4196BCPZ
Description  Low Phase Noise, Fast Settling, 6 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4196BCPZ Datasheet HTML 2Page - Analog Devices ADF4196BCPZ Datasheet HTML 3Page - Analog Devices ADF4196BCPZ Datasheet HTML 4Page - Analog Devices ADF4196BCPZ Datasheet HTML 5Page - Analog Devices ADF4196BCPZ Datasheet HTML 6Page - Analog Devices ADF4196BCPZ Datasheet HTML 7Page - Analog Devices ADF4196BCPZ Datasheet HTML 8Page - Analog Devices ADF4196BCPZ Datasheet HTML 9Page - Analog Devices ADF4196BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADF4196
Data Sheet
Rev. B | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
CMR
2
AOUT
3
SW3
4
AGND1
5
RFIN–
6
RFIN+
7
AVDD
24
VP2
23
RSET
22
AGND2
21
DGND3
20
VP1
19
LE
18
DATA
17
CLK
8
DVDD1
ADF4196
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. THE EXPOSED PADDLE MUST BE CONNECTED
TO THE GROUND PLANE.
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CMR
Common-Mode Reference Voltage for the Output Voltage Swing of the Differential Amplifier. Internally biased to
three-fifths of VP3. Requires a 0.1 µF capacitor to the ground plane.
2
AOUT
Differential Amplifier Output. This pin is the differential amplifier output to tune the external VCO.
3
SW3
Fast Lock Switch 3. This switch is closed when the SW3 timeout counter is active.
4
AGND1
Analog Ground. This is the ground return pin for the differential amplifier and the RF section.
5
RFIN−
Complementary Input to the RF Prescaler. This pin must be decoupled to the ground plane with a small bypass
capacitor, typically 100 pF.
6
RFIN+
Input to the RF Prescaler. This small-signal input is ac-coupled to the external VCO.
7
AVDD
Power Supply Pin for the RF Section. Nominally 3 V. Place a 100 pF decoupling capacitor to the ground plane as
close as possible to this pin.
8
DVDD1
Power Supply Pin for the N Divider. DVDD1 should be at the same voltage as AVDD. Place a 0.1 µF decoupling
capacitor to the ground plane as close as possible to this pin.
9
DGND1
Ground Return Pin for DVDD1.
10
DVDD2
Power Supply Pin for the REFIN Buffer and R Divider. Nominally 3 V. Place a 0.1 µF decoupling capacitor to the
ground plane as close as possible to this pin.
11
REFIN
Reference Input. This CMOS input has a nominal threshold of VDD/2 and a dc equivalent input resistance of 100 kΩ.
This input can be driven from a TTL or CMOS crystal oscillator, or it can be ac-coupled.
12
DGND2
Ground Return Pin for DVDD2 and DVDD3.
13
DVDD3
Power Supply Pin for the Serial Interface Logic. Nominally 3 V.
14
SDGND
Ground Return Pin for the Digital Σ-Δ Modulator.
15
SDVDD
Power Supply Pin for the Digital Σ-Δ Modulator. Nominally 3 V. Place a 0.1 µF decoupling capacitor to the ground
plane as close as possible to this pin.
16
MUXOUT
Multiplexer Output. This multiplexer output allows the lock detect, the scaled RF, or the scaled reference frequency
to be accessed externally (see Figure 35 for details).
17
CLK
Serial Clock Input. Data is clocked into the 24-bit shift register on the CLK rising edge. This input is a high
impedance CMOS input.
18
DATA
Serial Data Input. The serial data is loaded MSB first with the three LSBs as the control bits. This input is a high
impedance CMOS input.
19
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift register is loaded into the register that is
selected by the three LSBs.
20
VP1
Power Supply Pin for the Phase Frequency Detector (PFD). Nominally 5 V, VP1 should be at the same voltage as VP2.
Place a 0.1 µF decoupling capacitor to the ground plane as close as possible to this pin.
21
DGND3
Ground Return Pin for VP1.
22
AGND2
Ground Return Pin for VP2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com