| Electronic Components Datasheet Search |
|
ADF4351BCPZ Datasheet(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4351BCPZ Datasheet(HTML) 12 Page - Analog Devices |
|
12 / 28 page ![]() ADF4351 Data Sheet Rev. 0 | Page 12 of 28 MUXOUT AND LOCK DETECT The multiplexer output on the ADF4351 allows the user to access various internal points on the chip. The state of MUXOUT is controlled by the M3, M2, and M1 bits in Register 2 (see Figure 26). Figure 19 shows the MUXOUT section in block diagram form. DGND DVDD CONTROL MUX MUXOUT ANALOG LOCK DETECT DIGITAL LOCK DETECT R COUNTER OUTPUT N DIVIDER OUTPUT DGND RESERVED THREE-STATE OUTPUT DVDD Figure 19. MUXOUT Schematic INPUT SHIFT REGISTERS The ADF4351 digital section includes a 10-bit RF R counter, a 16-bit RF N counter, a 12-bit FRAC counter, and a 12-bit modulus counter. Data is clocked into the 32-bit shift register on each rising edge of CLK. The data is clocked in MSB first. Data is transferred from the shift register to one of six latches on the rising edge of LE. The destination latch is determined by the state of the three control bits (C3, C2, and C1) in the shift register. As shown in Figure 2, the control bits are the three LSBs: DB2, DB1, and DB0. Table 6 shows the truth table for these bits. Figure 23 summarizes how the latches are programmed. Table 6. Truth Table for the C3, C2, and C1 Control Bits Control Bits Register C3 C2 C1 0 0 0 Register 0 (R0) 0 0 1 Register 1 (R1) 0 1 0 Register 2 (R2) 0 1 1 Register 3 (R3) 1 0 0 Register 4 (R4) 1 0 1 Register 5 (R5) PROGRAM MODES Table 6 and Figure 23 through Figure 29 show how the program modes are set up in the ADF4351. The following settings in the ADF4351 are double buffered: phase value, modulus value, reference doubler, reference divide-by-2, R counter value, and charge pump current setting. Before the part uses a new value for any double-buffered setting, the following two events must occur: 1. The new value is latched into the device by writing to the appropriate register. 2. A new write is performed on Register 0 (R0). For example, any time that the modulus value is updated, Register 0 (R0) must be written to, to ensure that the modulus value is loaded correctly. The divider select value in Register 4 (R4) is also double buffered, but only if the DB13 bit of Register 2 (R2) is set to 1. VCO The VCO core in the ADF4351 consists of three separate VCOs, each of which uses 16 overlapping bands, as shown in Figure 20, to allow a wide frequency range to be covered without a large VCO sensitivity (KV) and resultant poor phase noise and spur- ious performance. 3.0 2.5 2.0 1.5 1.0 0.5 0 2.0 2.5 3.0 3.5 4.0 4.5 FREQUENCY (GHz) Figure 20. VTUNE vs. Frequency The correct VCO and band are selected automatically by the VCO and band select logic at power-up or whenever Register 0 (R0) is updated. VCO and band selection take 10 PFD cycles multiplied by the value of the band select clock divider. The VCO VTUNE is discon- nected from the output of the loop filter and is connected to an internal reference voltage. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |