Electronic Components Datasheet Search
  English  ▼

X  

ADF4351BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4351BCPZ
Description  Wideband Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4351BCPZ Datasheet HTML 12Page - Analog Devices ADF4351BCPZ Datasheet HTML 13Page - Analog Devices ADF4351BCPZ Datasheet HTML 14Page - Analog Devices ADF4351BCPZ Datasheet HTML 15Page - Analog Devices ADF4351BCPZ Datasheet HTML 16Page - Analog Devices ADF4351BCPZ Datasheet HTML 17Page - Analog Devices ADF4351BCPZ Datasheet HTML 18Page - Analog Devices ADF4351BCPZ Datasheet HTML 19Page - Analog Devices ADF4351BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADF4351
Data Sheet
Rev. 0 | Page 16 of 28
RD2
REFERENCE
DOUBLER
0
DISABLED
1
ENABLED
RD1
REFERENCE DIVIDE-BY-2
0
DISABLED
1
ENABLED
CP4
CP3
CP2
CP1
ICP (mA)
5.1kΩ
0
0
0
0
0.31
0
0
0
1
0.63
0
0
1
0
0.94
0
0
1
1
1.25
0
1
0
0
1.56
0
1
0
1
1.88
0
1
1
0
2.19
0
1
1
1
2.50
1
0
0
0
2.81
1
0
0
1
3.13
1
0
1
0
3.44
1
0
1
1
3.75
1
1
0
0
4.06
1
1
0
1
4.38
1
1
1
0
4.69
1
1
1
1
5.00
R10
R9
...
...
...
...
...
...
...
...
...
...
R2
R1
R COUNTER (R)
0
0
0
1
1
0
0
1
0
2
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
1
0
0
1020
1
1
0
1
1021
1
1
1
0
1022
1
1
1
1
1023
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
L2
L1
M3
M2
M1
RD2
RD1
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
D1
CP4
CP3
CP2
CP1
U6
U5
U4
U3
U2
U1
C3(0) C2(1) C1(0)
CHARGE
PUMP
CURRENT
SETTING
10-BIT R COUNTER
DBR
CONTROL
BITS
MUXOUT
U5
LDP
0
10ns
1
6ns
U4
PD POLARITY
0
NEGATIVE
1
POSITIVE
U3
POWER-DOWN
0
DISABLED
1
ENABLED
U2
CP
THREE-STATE
0
DISABLED
1
ENABLED
U1
COUNTER
RESET
0
DISABLED
1
ENABLED
D1
DOUBLE BUFFER
R4 [DB22:DB20]
0
DISABLED
1
ENABLED
U6
LDF
0
FRAC-N
1
INT-N
M3
M2
M1
OUTPUT
0
0
0
THREE-STATE OUTPUT
0
0
1
DVDD
0
1
0
DGND
0
1
1
R COUNTER OUTPUT
1
0
0
N DIVIDER OUTPUT
1
0
1
ANALOG LOCK DETECT
1
1
0
DIGITAL LOCK DETECT
1
1
1
RESERVED
L2
L1
NOISE MODE
0
0
LOW NOISE MODE
0
1
RESERVED
1
0
RESERVED
1
1
LOW SPUR MODE
LOW
NOISE AND
LOW SPUR
MODES
Figure 26. Register 2 (R2)
C2
C1
CLOCK DIVIDER MODE
0
0
CLOCK DIVIDER OFF
0
1
FAST LOCK ENABLE
1
0
RESYNC ENABLE
1
1
RESERVED
D12
D11 ...
D2
D1
CLOCK DIVIDER VALUE
0
0
...
0
0
0
0
0
...
0
1
1
0
0
...
1
0
2
0
0
...
1
1
3
.
.
...
.
.
.
.
.
...
.
.
.
.
.
...
.
.
.
1
1
...
0
0
4092
1
1
...
0
1
4093
1
1
...
1
0
4094
1
1
...
1
1
4095
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
F4
F3
F2
F1
0
C2
C1
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
C3(0) C2(1) C1(1)
CONTROL
BITS
12-BIT CLOCK DIVIDER VALUE
CLK
DIV
MODE
F1
CYCLE SLIP
REDUCTION
0
DISABLED
1
ENABLED
F2
CHARGE
CANCELATION
0
DISABLED
1
ENABLED
F4
BAND SELECT
CLOCK MODE
0
LOW
1
HIGH
F3
ANTIBACKLASH
PULSE WIDTH
0
6ns (FRAC-N)
1
3ns (INT-N)
RESERVED
0
0
Figure 27. Register 3 (R3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com