Electronic Components Datasheet Search
  English  ▼

X  

ADIS16136 Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16136
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16136 Datasheet HTML 3Page - Analog Devices ADIS16136 Datasheet HTML 4Page - Analog Devices ADIS16136 Datasheet HTML 5Page - Analog Devices ADIS16136 Datasheet HTML 6Page - Analog Devices ADIS16136 Datasheet HTML 7Page - Analog Devices ADIS16136 Datasheet HTML 8Page - Analog Devices ADIS16136 Datasheet HTML 9Page - Analog Devices ADIS16136 Datasheet HTML 10Page - Analog Devices ADIS16136 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADIS16136
Rev. A | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Root Allan Variance, 5 V, 25°C, 1024 SPS
Figure 8. Sensitivity Error vs. Temperature, −40°C to +75°C to −40°C
Figure 9. Offset (Bias) Error vs. Temperature, −40°C to +75°C to −40°C
1
10
100
0.01
0.1
1
10
100
1000
10000
TAU (Seconds)
+1σ
AVERAGE
–1σ
–0.60
–0.40
–0.20
0
0.20
0.40
0.60
–45 –35 –25 –15
–5
5
15
25
35
45
55
65
75
TEMPERATURE (°C)
INITIAL SENSITIVITY ERROR = ±0.35%
SENSITIVITIY TEMPC = ±25ppm/°C
TEMPERATURE (°C)
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
–40
–30
–20
–10
0
10
20
30
40
50
60
70
INITIAL BIAS ERROR = ±0.1°
BIAS TEMPERATURE COEFFICIENT = ±0.00125°/sec/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com